Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7653TR
Description  Wide Input Voltage Range, 1.3MHz,Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP7653TR Datasheet HTML 1Page - Sipex Corporation SP7653TR Datasheet HTML 2Page - Sipex Corporation SP7653TR Datasheet HTML 3Page - Sipex Corporation SP7653TR Datasheet HTML 4Page - Sipex Corporation SP7653TR Datasheet HTML 5Page - Sipex Corporation SP7653TR Datasheet HTML 6Page - Sipex Corporation SP7653TR Datasheet HTML 7Page - Sipex Corporation SP7653TR Datasheet HTML 8Page - Sipex Corporation SP7653TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 03/25/05
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2005 Sipex Corporation
General Overview
The SP7653 is a fixed frequency, voltage mode,
synchronous PWM regulator optimized for high
efficiency. The part has been designed to be
especially attractive for high input voltages of
2.5V to 20V.
The heart of the SP7653 is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference, present on
the positive terminal of the error amplifier per-
mits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, compared to a 1.1V
peak-to-peak ramp is responsible for trailing
edge PWM control. This voltage ramp, and
PWM control logic are governed by the internal
oscillator that accurately sets the PWM fre-
quency to 1.3MHz.
THEORY OF OPERATION
The SP7653 contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during start up, to prohibit the low side
switch from pulling down the output until the
high side switch has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side switch is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the Boost
capacitor during very large duty ratios.
The SP7653 also contains a number of valuable
protection features. Programmable VIN UVLO
allows the user to set the exact value at which the
conversion voltage can safely begin down con-
version, and an internal VCC UVLO which en-
sures that the controller itself has enough volt-
age to properly operate. Other protection fea-
PIN DESCRIPTION
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
3
-
1P
D
N
G
r
e
i
f
i
t
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
h
t
r
o
f
n
o
i
t
c
e
n
n
o
c
d
n
u
o
r
G
1
2
-
9
1
,
8
,
4D
N
G
e
r
a
r
e
v
i
r
d
r
e
w
o
p
r
e
w
o
l
d
n
a
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
e
h
T
.
n
i
P
d
n
u
o
r
G
)
-
(
e
h
t
o
t
s
e
c
a
r
t
d
n
u
o
r
g
r
e
h
t
o
m
o
r
f
y
l
e
t
a
r
a
p
e
s
n
r
u
t
e
R
.
n
i
p
s
i
h
t
o
t
d
e
c
n
e
r
e
f
e
r
C
f
o
l
a
n
i
m
r
e
t
T
U
O
.
5V
B
F
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
t
I
.
n
i
p
n
o
i
t
c
e
t
e
D
t
i
u
c
r
i
C
t
r
o
h
S
d
n
a
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
r
o
f
t
n
i
o
p
k
c
a
b
d
e
e
f
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
s
a
s
e
v
r
e
s
d
n
a
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
d
e
t
s
u
j
d
a
e
b
n
a
c
d
n
a
d
e
s
n
e
s
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
T
.
r
e
t
r
e
v
n
o
C
k
c
u
B
e
h
t
V
r
e
v
e
n
e
h
W
.
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
B
F
e
h
t
w
o
l
e
b
V
5
2
.
0
s
p
o
r
d
p
u
c
c
i
h
s
r
e
t
n
e
C
I
e
h
t
d
n
a
d
e
t
c
e
t
e
d
s
i
t
l
u
a
f
t
i
u
c
r
i
c
t
r
o
h
s
a
,
e
c
n
e
r
e
f
e
r
e
v
i
t
i
s
o
p
.
e
d
o
m
6P
M
O
C
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
s
i
t
I
.
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
t
u
p
t
u
O
d
n
a
n
e
s
o
h
c
s
i
n
o
i
t
a
n
i
b
m
o
c
r
e
t
li
f
l
a
m
i
t
p
o
n
A
.
r
o
t
a
r
a
p
m
o
c
M
W
P
e
h
t
f
o
V
r
o
d
n
u
o
r
g
r
e
h
t
i
e
d
n
a
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
B
F
e
g
a
t
l
o
v
e
h
t
e
z
il
i
b
a
t
s
o
t
.
p
o
o
l
e
d
o
m
7N
I
V
U
V
n
e
e
w
t
e
b
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
e
g
a
t
l
o
v
n
i
V
r
o
f
t
u
p
n
i
O
L
V
U
N
I
d
n
a
V
U
N
I
.
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
o
m
u
m
i
n
i
m
t
e
s
o
t
9S
S
e
h
t
t
e
s
o
t
D
N
G
d
n
a
S
S
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.
t
r
a
t
S
t
f
o
S
w
o
l
d
l
e
h
s
i
n
i
p
S
S
e
h
T
.
t
n
e
r
r
u
c
e
c
r
u
o
s
A
µ
0
1
e
h
t
n
o
d
e
s
a
b
e
t
a
r
t
r
a
t
s
t
f
o
s
.
s
n
o
i
t
i
d
n
o
c
t
l
u
a
f
ll
a
g
n
i
r
u
d
t
n
e
r
r
u
c
)
n
i
m
(
A
m
1
a
a
i
v
3
1
-
0
1V
N
I
g
n
il
p
u
o
c
e
d
a
e
c
a
l
P
.
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
e
d
i
s
h
g
i
h
e
h
t
o
t
n
o
i
t
c
e
n
n
o
c
t
u
p
n
I
P
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
D
N
G
.
6
2
-
3
2
,
6
1
-
4
1X
LV
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
c
u
d
n
i
n
a
t
c
e
n
n
o
C
T
U
O
7
1C
Nt
c
e
n
n
o
C
o
N


Similar Part No. - SP7653TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Exar Corporation
SP7653 EXAR-SP7653 Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
logo
Sipex Corporation
SP7653ER SIPEX-SP7653ER Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Exar Corporation
SP7653ER EXAR-SP7653ER Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
SP7653ER-L EXAR-SP7653ER-L Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
More results

Similar Description - SP7653TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com