Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTT64N25P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT64N25P
Description  PolarHT Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT64N25P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT64N25P Datasheet HTML 1Page - IXYS Corporation IXTT64N25P Datasheet HTML 2Page - IXYS Corporation IXTT64N25P Datasheet HTML 3Page - IXYS Corporation IXTT64N25P Datasheet HTML 4Page - IXYS Corporation IXTT64N25P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
250
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
250
V
V
GSM
±20
V
I
D25
T
C = 25°C64
A
I
DM
T
C = 25°C, pulse width limited by TJM
160
A
I
AR
T
C = 25°C60
A
E
AR
T
C = 25°C40
mJ
E
AS
T
C = 25°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
10
V/ns
T
J ≤ 150°C, RG = 4 Ω
P
D
T
C = 25°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
(TO-3P)
1.13/10 Nm/lb.in.
Weight
TO-3P
5.5
g
TO-268
5.0
g
G = Gate
D = Drain
S = Source
TAB = Drain
DS99120A(02/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
250
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
48
m
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
PolarHTTM
Power MOSFET
IXTQ 64N25P
V
DSS
= 250
V
IXTT 64N25P
I
D25
=
64
A
R
DS(on)
=
48 m
N-Channel Enhancement Mode
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
PolarHTTM DMOS transistors
utilize proprietary designs and
process. US patent is pending.
TO-3P (IXTQ)
G
D
S
(TAB)
TO-268 (IXTT)
G
S
D (TAB)
Preliminary Data Sheet


Similar Part No. - IXTT64N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT60N20L2 IXYS-IXTT60N20L2 Datasheet
155Kb / 5P
   N-Channel Enhancement Mode
IXTT60N25 IXYS-IXTT60N25 Datasheet
170Kb / 4P
   N-Channel Enhancement Mode
IXTT68P20T IXYS-IXTT68P20T Datasheet
185Kb / 6P
   P-Channel Enhancement Mode
IXTT69N30P IXYS-IXTT69N30P Datasheet
107Kb / 5P
   PolarHT Power MOSFET
IXTT6N120 IXYS-IXTT6N120 Datasheet
590Kb / 4P
   High Voltage Power MOSFET
More results

Similar Description - IXTT64N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK102N30P IXYS-IXTK102N30P Datasheet
224Kb / 5P
   PolarHT Power MOSFET
IXTQ82N25P IXYS-IXTQ82N25P Datasheet
610Kb / 5P
   PolarHT Power MOSFET
IXTH88N30P IXYS-IXTH88N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ200N06P IXYS-IXTQ200N06P Datasheet
155Kb / 5P
   PolarHT Power MOSFET
IXTK140N20P IXYS-IXTK140N20P Datasheet
564Kb / 5P
   PolarHT Power MOSFET
IXTA62N15P IXYS-IXTA62N15P Datasheet
251Kb / 5P
   PolarHT Power MOSFET
IXTK120N25P IXYS-IXTK120N25P Datasheet
161Kb / 5P
   PolarHT Power MOSFET
IXTQ36N30P IXYS-IXTQ36N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ110N055P IXYS-IXTQ110N055P Datasheet
120Kb / 5P
   PolarHT Power MOSFET
IXTQ69N30 IXYS-IXTQ69N30 Datasheet
107Kb / 5P
   PolarHT Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com