Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7A321800M Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7A321800M
Description  1Mx36 & 2Mx18 Synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A321800M Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7A321800M Datasheet HTML 2Page - Samsung semiconductor K7A321800M Datasheet HTML 3Page - Samsung semiconductor K7A321800M Datasheet HTML 4Page - Samsung semiconductor K7A321800M Datasheet HTML 5Page - Samsung semiconductor K7A321800M Datasheet HTML 6Page - Samsung semiconductor K7A321800M Datasheet HTML 7Page - Samsung semiconductor K7A321800M Datasheet HTML 8Page - Samsung semiconductor K7A321800M Datasheet HTML 9Page - Samsung semiconductor K7A321800M Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1Mx36 & 2Mx18 Synchronous SRAM
- 6 -
Rev 2.0
Nov. 2003
K7A321800M
K7A323600M
FUNCTION DESCRIPTION
The K7A323600M and K7A321800M are synchronous SRAM designed to support the burst address accessing sequence of the
Power PC based microprocessor. All inputs (with the exception of OE, LBO and ZZ) are sampled on rising clock edges. The start and
duration of the burst access is controlled by ADSC, ADSP and ADV and chip select pins.
The accesses are enabled with the chip select signals and output enabled signals. Wait states are inserted into the access with
ADV.
When ZZ is pulled high, the SRAM will enter a Power Down State. At this time, internal state of the SRAM is preserved. When ZZ
returns to low, the SRAM normally operates after 2cycles of wake up time. ZZ pin is pulled down internally.
Read cycles are initiated with ADSP(regardless of WEx and ADSC)using the new external address clocked into the on-chip address
register whenever ADSP is sampled low, the chip selects are sampled active, and the output buffer is enabled with OE. In read oper-
ation the data of cell array accessed by the current address, registered in the Data-out registers by the positive edge of CLK, are car-
ried to the Data-out buffer by the next positive edge of CLK. The data, registered in the Data-out buffer, are projected to the output
pins. ADV is ignored on the clock edge that samples ADSP asserted, but is sampled on the subsequent clock edges. The address
increases internally for the next access of the burst when WEx are sampled High and ADV is sampled low. And ADSP is blocked to
control signals by disabling CS 1.
All byte write is done by GW(regaedless of BW and WEx.), and each byte write is performed by the combination of BW and WEx
when GW is high.
Write cycles are performed by disabling the output buffers with OE and asserting WEx. WEx are ignored on the clock edge that sam-
ples ADSP low, but are sampled on the subsequent clock edges. The output buffers are disabled when WEx are sampled
Low(regaedless of OE). Data is clocked into the data input register when WE x sampled Low. The address increases internally to the
next address of burst, if both WEx and ADV are sampled Low. Individual byte write cycles are performed by any one or more byte
write enable signals(WEa, WE b, WE c or WEd) sampled low. The WEa control DQa0 ~ DQa7 and DQPa, WE b controls DQb0 ~ DQb7
and DQPb, WEc controls DQc 0 ~ DQc 7 and DQPc, and WEd control DQd 0 ~ DQd7 and DQPd. Read or write cycle may also be initi-
ated with ADSC, instead of ADSP. The differences between cycles initiated with ADSC and ADSP as are follows;
ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
WEx are sampled on the same clock edge that sampled ADSC low(and ADSP high).
Addresses are generated for the burst access as shown below, The starting point of the burst sequence is provided by the external
address. The burst address counter wraps around to its initial state upon completion. The burst sequence is determined by the state
of the LBO pin. When this pin is Low, linear burst sequence is selected. When this pin is High, Interleaved burst sequence is
selected.
BURST SEQUENCE TABLE
(Interleaved Burst)
LBO PIN
HIGH
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
1
1
1
0
0
1
0
1
0
BQ TABLE
(Linear Burst)
Note : 1. LBO pin must be tied to High or Low, and Floating State must not be allowed
.
LBO PIN
LOW
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
0
ASYNCHRONOUS TRUTH TABLE
Operation
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
L
L
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes
1. X means "Don
t Care".
2. ZZ pin is pulled down internally
3. For write cycles that following read cycles, the output buffers must be
disabled with OE , otherwise data bus contention will occur.
4. Sleep Mode means power down state of which stand-by current does
not depend on cycle time.
5. Deselected means power down state of which stand-by current
depends on cycle time.


Similar Part No. - K7A321800M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A321800M-QC14 SAMSUNG-K7A321800M-QC14 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A321800M-QC20 SAMSUNG-K7A321800M-QC20 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
More results

Similar Description - K7A321800M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B323635C SAMSUNG-K7B323635C Datasheet
443Kb / 20P
   1Mx36 & 2Mx18 Synchronous SRAM
K7B323625M SAMSUNG-K7B323625M Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com