Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1384QMP Datasheet(PDF) 4 Page - Kingbright Corporation

Part # L1384QMP
Description  3.4 MM RIGHT ANGLE LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L1384QMP Datasheet(HTML) 4 Page - Kingbright Corporation

  L1384QMP Datasheet HTML 1Page - Kingbright Corporation L1384QMP Datasheet HTML 2Page - Kingbright Corporation L1384QMP Datasheet HTML 3Page - Kingbright Corporation L1384QMP Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAA4139
REV NO: V.1
DATE: SEP/26/2001
PAGE: 4 OF 4
APPROVED :
CHECKED :
DRAWN: S.S. Wu
L1384QMP/YD
SMT Reflow Soldering Instructions
Recommended Soldering Pattern
Number of reflow process shall be less than 2 times and cooling
process to normal temperature is required between first and
second soldering process."
Tape Specifications


Similar Part No. - L1384QMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L138-DG-225-RI ETC2-L138-DG-225-RI Datasheet
487Kb / 13P
   MityDSP-L138F Processor Card
L138-DI-225-RI ETC2-L138-DI-225-RI Datasheet
487Kb / 13P
   MityDSP-L138F Processor Card
L138-FG-225-RC ETC2-L138-FG-225-RC Datasheet
487Kb / 13P
   MityDSP-L138F Processor Card
L138-FI-225-RC ETC2-L138-FI-225-RC Datasheet
487Kb / 13P
   MityDSP-L138F Processor Card
L138-FI-236-RL ETC2-L138-FI-236-RL Datasheet
487Kb / 13P
   MityDSP-L138F Processor Card
More results

Similar Description - L1384QMP

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1533BQ-SRD KINGBRIGHT-WP1533BQ-SRD Datasheet
124Kb / 4P
   4.7mm RIGHT ANGLE LED INDICATOR
WP1533BQ-YD KINGBRIGHT-WP1533BQ-YD Datasheet
130Kb / 4P
   4.7mm RIGHT ANGLE LED INDICATOR
WP1384AL-GD KINGBRIGHT-WP1384AL-GD Datasheet
251Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-SRD KINGBRIGHT-WP1384AD-SRD Datasheet
248Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP934AD-YD KINGBRIGHT-WP934AD-YD Datasheet
382Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP1384AL-ID KINGBRIGHT-WP1384AL-ID Datasheet
252Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP138A8QMP-YD-TG KINGBRIGHT-WP138A8QMP-YD-TG Datasheet
168Kb / 5P
   3.4mm RIGHT ANGLE LED INDICATOR
WP73JB-IDA KINGBRIGHT-WP73JB-IDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP934AD-ID KINGBRIGHT-WP934AD-ID Datasheet
374Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
WP42WUM-EYW KINGBRIGHT-WP42WUM-EYW Datasheet
306Kb / 5P
   3mm RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com