Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11690H Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11690H
Description  Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11690H Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11690H Datasheet HTML 1Page - Sanyo Semicon Device LB11690H Datasheet HTML 2Page - Sanyo Semicon Device LB11690H Datasheet HTML 3Page - Sanyo Semicon Device LB11690H Datasheet HTML 4Page - Sanyo Semicon Device LB11690H Datasheet HTML 5Page - Sanyo Semicon Device LB11690H Datasheet HTML 6Page - Sanyo Semicon Device LB11690H Datasheet HTML 7Page - Sanyo Semicon Device LB11690H Datasheet HTML 8Page - Sanyo Semicon Device LB11690H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
No. 7543-4/19
LB11690, 11690H
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Undervoltage Protection Circuit (LVS pin)]
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis
∆VSD
0.35
0.5
0.65
V
[Reset Circuit (RES pin)]
Reset operating voltage
VRESL
1.17
1.27
1.37
V
Reset release voltage
VRESH
1.37
1.5
1.63
V
Hysteresis
∆VRES
0.2
0.23
0.26
V
[HP Pin]
Output saturation voltage
VHPL
IO = 3 mA
0.15
0.5
V
Output leakage current
IHP leak
VHP = 42 V
10
µA
[RC Pin]
Output high level voltage
VOH (RC)
3.12
3.4
3.68
V
Output low level voltage
VOL (RC)
0.73
0.8
0.87
V
Clamp voltage
VCLP (RC)
1.5
V
[FV Pin]
Charge current
ICHG1
VFV = 2.5 V
–420
–300
–230
µA
Discharge current
ICHG2
VFV = 1 V
1.3
2.5
5.0
mA
[IN1, IN2, and IN3 Pins]
Input high level voltage
VIH (IN)
4.0
V5
V
Input low level voltage
VIL (IN)
0
2.5
V
Input open voltage
VIO (IN)
V5 – 0.5
V5
V
Hysteresis
VIS (IN)
0.55
0.9
1.25
V
Input high level current
IIH (IN)
VIN = V5
–10
0
+10
µA
Input low level current
IIL (IN)
VIN = 0 V
–500
µA
Pd max — Ta
Ambient temperature, Ta —
°C
0.9 W, Independent IC
0.9 W, Independent IC
Mounted on designated PCB
(114.3
× 76.1 × 1.6 mm, glass epoxy)
2.1 W
ILB01549
Ambient temperature, Ta —
°C
ILB01552
[LB11690]
Pd max — Ta
[LB11690H]
0
–20
0
20
40
60
80
100
120
–20
0
20
40
60
80
100
120
0.36
0.84
0.36
0.2
0.4
0.6
0.8
1.0
0
0.4
0.8
1.2
2.0
1.6
2.4


Similar Part No. - LB11690H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Similar Description - LB11690H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com