Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11690H Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB11690H
Description  Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11690H Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11690H Datasheet HTML 2Page - Sanyo Semicon Device LB11690H Datasheet HTML 3Page - Sanyo Semicon Device LB11690H Datasheet HTML 4Page - Sanyo Semicon Device LB11690H Datasheet HTML 5Page - Sanyo Semicon Device LB11690H Datasheet HTML 6Page - Sanyo Semicon Device LB11690H Datasheet HTML 7Page - Sanyo Semicon Device LB11690H Datasheet HTML 8Page - Sanyo Semicon Device LB11690H Datasheet HTML 9Page - Sanyo Semicon Device LB11690H Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
No. 7543-6/19
LB11690, 11690H
Pin Functions *: Items in parentheses refer to the LB11690H.
Pin name
Pin No.
Pin description
GND
1 (2)
Ground
RFGND
2 (3)
Ground sensing pin. Connect the ground side of the low-resistance resistor RF connected to the RF pin to this pin.
RF
3 (4)
Output current detection pin. Connect the low-resistance resistor RF between this pin and ground. The output current will be limited
to a value determined by the equation IOUT = 0.1/RF. (Current limiter circuit)
WL
4 (5)
VL
7 (9)
Low side n-channel power FET gate drive output
UL
10 (12)
WOUT
5 (7)
VOUT
8 (10)
High side n-channel power FET source voltage detection
UOUT
11 (13)
WH
6 (8)
VH
9 (11)
High side n-channel power FET gate drive output
UH
12 (14)
IN1
13 (16)
IN2
14 (17)
Hall sensor signal inputs. Insert capacitors between these pins and ground for stabilization.
IN3
15 (18)
RES
16 (20)
Reset input. Insert a resistor between this pin and the V5 pin, and a capacitor between this pin and ground.
EI+
17 (21)
Integrating amplifier noninverting input
EI–
18 (22)
Integrating amplifier inverting input
TOC
19 (23)
PWM waveform comparison (integrating amplifier output)
PWM
20 (24)
PWM oscillator frequency setting. Insert a capacitor between this pin and ground.
FV
21 (25)
Hall sensor signal one-shot multi-pulse output
RC
22 (26)
Hall sensor signal one-shot multi-pulse amplitude setting. Insert a resistor between this pin and the V5 pin, and a capacitor between
this pin and ground.
HP
23 (27)
Hall sensor signal three-phase synthesized output (open collector output)
CP2
24 (28)
Charge pump capacitor connections. Connect a capacitor between pins CP1 and CP2.
CP1
25 (29)
LVS
26 (30)
Undervoltage protection voltage detection. To detect a voltage of 5 V or over, connect a zener diode in series to set the detection
voltage.
V5
27 (32)
5 V power supply (control circuit power supply). Insert a capacitor between this pin and ground.
V12
28 (33)
12 V power supply (UL, VL, and WL output block power supply). Insert a capacitor between this pin and ground.
VCC
29 (35)
Power supply. Insert a capacitor between this pin and ground for power supply stabilization.
VB
30 (1)
Charge pump output (UH, VH, and WH output block power supply). Insert a capacitor between this pin and VCC.
(FRAME)
The FRAME pin is connected to the IC lower surface metal frame. Both should be left electrically open during operation.
(6) (15)
(NC)
(19) (31)
These pins are not connected to the IC internally in the package, and thus may be used for wiring connections.
(34) (36)


Similar Part No. - LB11690H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Similar Description - LB11690H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com