Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1532AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1532AB
Description  Dual 1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1532AB Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1532AB Datasheet HTML 1Page - Vishay Siliconix LH1532AB Datasheet HTML 2Page - Vishay Siliconix LH1532AB Datasheet HTML 3Page - Vishay Siliconix LH1532AB Datasheet HTML 4Page - Vishay Siliconix LH1532AB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 83829
www.vishay.com
Revision 17-August-01
3–135
Absolute Maximum Ratings, TA=25°C
Stresses in excess of the absolute Maximum Ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional oper-
ation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
Ambient Temperature Range (TA) ....................................–40 to +85°C
Storage Temperature Range (Tstg).................................–40 to +150°C
Pin Soldering Temperature (t=10 s max) (TS) ............................. 260°C
Input/Output Isolation Voltage
(t=1.0 s) (VISO)................................................................... 5300 VRMS
Pole-to-Pole Isolation Voltage (S1 to S2)*
(dry air, dust free, at sea level) ................................................. 1600 V
LED Continuous Forward Current (IF) .........................................50 mA
LED Reverse Voltage (IR≤10 µA) (VR)...........................................8.0 V
DC or Peak AC Load Voltage (IL≤50 µA) (VL)..............................350 V
Continuous DC Load Current (IL)
One Pole Operating.................................................................120 mA
Two Poles Operating ...............................................................110 mA
Peak Load Current (t=100 ms) (single shot) (IP) ................................ †
Output Power Dissipation (continuous) (PDISS)........................600 mW
*
Breakdown occurs between the output pins external to the package.
† Refer to Current Limit Performance Application Note for a discussion on
relay operation during transient currents.
Recommended Operating Conditions
60
80
0
40
120
100
20
–40
–20
0
20
40
60
80
Ambient Temperature (
°C)
IFon=2.0 mA
IFon=3.0 mA
IFon=4.0 mA
IFon=5.0 to 20 mA
Electrical Characteristics, TA=25°C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of
engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Input
LED Forward Current, Switch Turn-on
IFon
1.0
2.0
mA
IL=100 mA, t=10 ms
LED Forward Current, Switch Turn-off
IFoff
0.2
0.9
mA
VL±300 V
LED Forward Voltage
VF
1.15
1.26
1.45
V
IF=10 mA
Output
ON-resistance
RON
12
20
25
IF=5.0 mA, IL=50 mA
OFF-resistance
ROFF
0.5
5000
G
IF=0 mA, VL=±100 V
Current Limit
ILMT
170
210
250
mA
IF=5.0 mA, t=5.0 ms
VL=±6.0 V
Off-state Leakage Current
0.02
200
nA
IF=0 mA, VL=±100 V
1.0
µA
IF=0 mA, VL=±350 V
Output Capacitance
—55
pF
IF=0 mA, VL=1.0 V
—10
IF=0 mA, VL=50 V
Pole-to-Pole Capacitance (S1 to S2)
0.5
pF
IF=5.0 mA
Switch Offset
0.15
V
IF=5.0 mA
Transfer
Input/Output Capacitance
CISO
1.1
pF
VISO=1.0 V
Turn-on Time
ton
1.4
2.5
ms
IF=5.0 mA, IL=50 mA
Turn-off Time
toff
0.7
2.5
ms
IF=5.0 mA, IL=50 mA


Similar Part No. - LH1532AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1532AB VISHAY-LH1532AB Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532AB VISHAY-LH1532AB Datasheet
244Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 22-Sep-2020
LH1532AB VISHAY-LH1532AB Datasheet
243Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1532AB VISHAY-LH1532AB Datasheet
244Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1532AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com