Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKH142-16 Datasheet(PDF) 9 Page - International Rectifier

Part # IRKH142-16
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKH142-16 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKH142-16 Datasheet HTML 4Page - International Rectifier IRKH142-16 Datasheet HTML 5Page - International Rectifier IRKH142-16 Datasheet HTML 6Page - International Rectifier IRKH142-16 Datasheet HTML 7Page - International Rectifier IRKH142-16 Datasheet HTML 8Page - International Rectifier IRKH142-16 Datasheet HTML 9Page - International Rectifier IRKH142-16 Datasheet HTML 10Page - International Rectifier IRKH142-16 Datasheet HTML 11Page - International Rectifier IRKH142-16 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRK.136, .142, .162 Series
9
Bulletin I27117 rev. C 03/02
www.irf.com
0
50
100
150
200
250
300
350
400
0
204 0608 0 10 0 1 20 1 40 1 6 0 1 8 0
RM S Lim it
Co nd uc tio n Ang le
Averag e O n -state C urren t (A)
IRK .162.. Se ries
Per Junctio n
T = 125 C
J
180
120
90
60
30
Fig.23 - Maximum Non-Repetitive Surge Current
Fig. 24 - Maximum Non-Repetitive Surge Current
Fig. 22 - On-State Power Loss Characteristics
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Fig. 21 - On-State Power Loss Characteristics
0
50
10 0
15 0
20 0
25 0
30 0
35 0
40 0
0
3 0609 0 1 2 0 15 0 1 80 2 10 2 4 0 2 7 0
DC
180
120
90
60
30
RM S Lim it
Co nduc tion Pe riod
Averag e O n -sta te C urren t (A )
IRK.162.. Se ries
Per Junctio n
T
= 125 C
J
60
70
80
90
100
110
120
130
0
50
1 00
15 0
200
2 50
3 00
DC
30
60
90
120
180
A vera g e O n -sta te C urrent (A)
Cond uc tio n P e riod
IRK .162.. Series
R
(DC ) = 0.16 K/W
thJC
150 0
200 0
250 0
300 0
350 0
400 0
450 0
11 0
10 0
N um b e r O f Eq ua l Am p litud e H a lf C yc le C urre nt P ulse s (N )
At A ny Rate d Lo a d Cond ition And W ith
Ra te d V
A p p lie d Fo llow ing Surg e .
RRM
In itial T = 125 C
@ 60 Hz 0.00 83 s
@ 50 Hz 0.01 00 s
IRK.162.. S eries
Pe r Jun ction
J
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
0.01
0.1
1
Pu lse Tra in D uration (s)
Maximum Non Repetitive Surge Current
O f Co nd uctio n Ma y No t Be M a inta ined .
IRK .162.. Series
Per Junctio n
In itia l T = 125 C
No V o lt a g e Re ap plied
Ra te d V
Re ap plie d
RRM
V e rsus Pulse Tra in D uratio n. C o ntro l
J
70
80
90
10 0
11 0
12 0
13 0
03 0
6 0
9 0
1 20
1 5 0
1 8 0
30
60
90
120
180
Co nd uc tio n Ang le
Ave rag e Fo rw ard C urre n t (A)
IRK.162.. Series
R
(D C ) = 0.16 K/W
thJ C


Similar Part No. - IRKH142-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKH142-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com