Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-28DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-28DBVR
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-28DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985A-28DBVR Datasheet HTML 7Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 8Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 9Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 10Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 11Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 12Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 13Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 14Page - Texas Instruments LP2985A-28DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
20
µs/div"
VO = 3.3 V
Cbyp = 10 nF
∆IL = 100 mA
IL
VO
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
VO = 3.3 V
Cbyp = 10 nF
∆IL = 150 mA
IL
VO
20
µs/div"
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
IL
VO
VO = 3.3 V
Cbyp = 0 nF
∆IL = 150 mA
20
µs/div"
3.27
3.29
3.31
3.33
3.35
3.37
3.39
3.41
2
2.5
3
3.5
4
4.5
5
5.5
VI
VO
20
µs/div"
VO = 3.3 V
Cbyp = 0 nF
IO = 150 mA
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522F – JULY 2004 – REVISED AUGUST 2005
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C
IN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) +1 V, TA = 25°C, ON/OFF Pin Tied to VIN (unless otherwise specified)
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 19.
Figure 20.
11


Similar Part No. - LP2985A-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-28DBVR TI-LP2985A-28DBVR Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-28DBVR TI-LP2985A-28DBVR Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-28DBVR TI-LP2985A-28DBVR Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-28DBVR TI-LP2985A-28DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-28DBVR TI-LP2985A-28DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com