Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1681ISW Datasheet(PDF) 2 Page - Linear Technology

Part # LT1681ISW
Description  Dual Transistor Synchronous Forward Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681ISW Datasheet(HTML) 2 Page - Linear Technology

  LT1681ISW Datasheet HTML 1Page - Linear Technology LT1681ISW Datasheet HTML 2Page - Linear Technology LT1681ISW Datasheet HTML 3Page - Linear Technology LT1681ISW Datasheet HTML 4Page - Linear Technology LT1681ISW Datasheet HTML 5Page - Linear Technology LT1681ISW Datasheet HTML 6Page - Linear Technology LT1681ISW Datasheet HTML 7Page - Linear Technology LT1681ISW Datasheet HTML 8Page - Linear Technology LT1681ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1681
1681f
Supply Voltages
Power Supply (VCC)............................. – 0.3V to 20V
Topside Supply (VBST)................... VBSTREF – 0.3V to
VBSTREF + 20V (VBST(MAX) = 90V)
Topside Reference Pin (VBSTREF).......... – 0.6V to 75V
Input Voltages
SHDN Pin .................................. – 0.3V to VCC + 0.3V
All Other Inputs ..................... – 0.3V to 5VREF + 0.3V
Maximum Currents
5VREF Pin ........................................ – 85mA to 10mA
FSET Pin ............................................. – 2mA to 5mA
All Other Inputs .................................. – 2mA to 2mA
Operating Ambient Temperature Range
LT1681E (Note 4) .............................. – 40
°C to 85°C
LT1681I ............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
ORDER PART
NUMBER
LT1681ESW
LT1681ISW
TJMAX = 125°C, θJA = 85°C/ W
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = VBST = 12V, VBSTREF = 0V, VVC = 2V, VFB = VREF = 1.25V, CTG = CBG = CSG = 1000pF.
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
SHDN
OVLO
THERM
SGND
5VREF
FSET
SYNC
SS
VFB
VC
VBST
TG
BSTREF
BLKSENS
BG
PWRGND
VCC
SG
IMAX
SENSE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Protection
VCC
Operating Supply Voltage Range
q
912
18
V
ICC
DC Active Supply Current
(Note 2)
17
22
mA
q
25
mA
DC Active UVL Supply Current
VSHDN > 1.35V, VCC = 8V
q
800
1200
µA
DC Standby Supply Current
VSHDN < 0.3V
0.5
µA
IBST
DC Active Supply Current
TG Logic High (Note 2)
q
5
8.5
mA
DC Standby Supply Current
VSHDN < 0.3V
0.1
µA
VSHDN
Shutdown Rising Threshold
q
1.15
1.25
1.35
V
Shutdown Threshold Hysteresis
q
100
150
200
mV
ISS
Soft-Start Charge Current
VSS = 2V
q
–14
– 10
– 6
µA
VSS
Soft-Start Reset Threshold
225
mV
VCCUVLO
Undervoltage Lockout Threshold
Falling Edge
q
8.0
8.40
8.60
V
Rising Edge
q
8.3
8.75
8.95
V
Undervoltage Lockout Hysteresis
q
0.25
0.35
V
VBSTUVLO Boost Undervoltage Lockout
Falling Edge
q
5.7
6.4
7.1
V
(VBST-BSTREF)
Rising Edge
q
6.5
7.0
7.5
V
Boost UVLO Hysteresis
q
0.3
0.6
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LT1681ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
More results

Similar Description - LT1681ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_09 Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com