Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1628-SYNC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1628-SYNC
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628-SYNC Datasheet(HTML) 5 Page - Linear Technology

  LTC1628-SYNC Datasheet HTML 1Page - Linear Technology LTC1628-SYNC Datasheet HTML 2Page - Linear Technology LTC1628-SYNC Datasheet HTML 3Page - Linear Technology LTC1628-SYNC Datasheet HTML 4Page - Linear Technology LTC1628-SYNC Datasheet HTML 5Page - Linear Technology LTC1628-SYNC Datasheet HTML 6Page - Linear Technology LTC1628-SYNC Datasheet HTML 7Page - Linear Technology LTC1628-SYNC Datasheet HTML 8Page - Linear Technology LTC1628-SYNC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1628-SYNC
Internal 5V LDO Line Regulation
Maximum Current Sense Threshold
vs Duty Factor
Maximum Current Sense Threshold
vs Percent of Nominal Output
Voltage (Foldback)
INPUT VOLTAGE (V)
0
4.8
4.9
5.1
15
25
1628 G07
4.7
4.6
510
20
30
35
4.5
4.4
5.0
ILOAD = 1mA
DUTY FACTOR (%)
0
0
25
50
75
20
40
60
80
1628 G08
100
PERCENT ON NOMINAL OUTPUT VOLTAGE (%)
0
40
50
60
100
1628 G09
30
20
0
25
50
75
10
80
70
Maximum Current Sense Threshold
vs VRUN/SS (Soft-Start)
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
1628 G10
56
VSENSE(CM) = 1.6V
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
COMMON MODE VOLTAGE (V)
0
72
76
80
4
1628 G11
68
64
60
1
2
3
5
Current Sense Threshold
vs ITH Voltage
VITH (V)
0
30
50
70
90
2
1628 G12
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5
Load Regulation
LOAD CURRENT (A)
0
–0.2
–0.1
4
1628 G13
–0.3
–0.4
1
2
3
5
0.0
FCB = 0V
VIN = 15V
FIGURE 1
VITH vs VRUN/SS
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1628 G14
56
VOSENSE = 0.7V
SENSE Pins Total Source Current
VSENSE COMMON MODE VOLTAGE (V)
0
0
1628 G15
–50
–100
24
50
100
6
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1628-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1628-SYNC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1 Datasheet
420Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
233Kb / 24P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com