Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1407IMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1407IMSE
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407IMSE Datasheet(HTML) 3 Page - Linear Technology

  LTC1407IMSE Datasheet HTML 1Page - Linear Technology LTC1407IMSE Datasheet HTML 2Page - Linear Technology LTC1407IMSE Datasheet HTML 3Page - Linear Technology LTC1407IMSE Datasheet HTML 4Page - Linear Technology LTC1407IMSE Datasheet HTML 5Page - Linear Technology LTC1407IMSE Datasheet HTML 6Page - Linear Technology LTC1407IMSE Datasheet HTML 7Page - Linear Technology LTC1407IMSE Datasheet HTML 8Page - Linear Technology LTC1407IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1407/LTC1407A
1407f
I TER AL REFERE CE CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V.
LTC1407
LTC1407A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SINAD
Signal-to-Noise Plus
100kHz Input Signal
70.5
73.5
dB
Distortion Ratio
750kHz Input Signal
q
68
70.5
70
73.5
dB
100kHz Input Signal, External VREF = 3.3V, VDD ≥ 3.3V
72.0
76.3
dB
750kHz Input Signal, External VREF = 3.3V, VDD ≥ 3.3V
72.0
76.3
dB
THD
Total Harmonic
100kHz First 5 Harmonics
–87
–90
dB
Distortion
750kHz First 5 Harmonics
q
–83
–77
–86
–80
dB
SFDR
Spurious Free
100kHz Input Signal
–87
–90
dB
Dynamic Range
750kHz Input Signal
–83
–86
dB
IMD
Intermodulation
1.25V to 2.5V 1.40MHz into CH0+, 0V to 1.25V,
–82
–82
dB
Distortion
1.56MHz into CH0. Also Applicable to CH1+ and CH1
Code-to-Code
VREF = 2.5V (Note 17)
0.25
1
LSBRMS
Transition Noise
Full Power Bandwidth
VIN = 2.5VP-P, SDO = 11585LSBP-P (–3dBFS) (Note 15)
50
50
MHz
Full Linear Bandwidth
S/(N + D)
≥ 68dB
5
5
MHz
TA = 25°C. VDD = 3V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.5
V
VREF Output Tempco
15
ppm/
°C
VREF Line Regulation
VDD = 2.7V to 3.6V, VREF = 2.5V
600
µV/V
VREF Output Resistance
Load Current = 0.5mA
0.2
VREF Settling Time
2ms
The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 3.3V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 2.7V
q
0.6
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 3V, IOUT = – 200µA
q
2.5
2.9
V
VOL
Low Level Output Voltage
VDD = 2.7V, IOUT = 160µA
0.05
V
VDD = 2.7V, IOUT = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage DOUT
VOUT = 0V to VDD
q
±10
µA
COZ
Hi-Z Output Capacitance DOUT
1pF
ISOURCE
Output Short-Circuit Source Current
VOUT = 0V, VDD = 3V
20
mA
ISINK
Output Short-Circuit Sink Current
VOUT = VDD = 3V
15
mA
DY A IC ACCURACY
DIGITAL I PUTS A D DIGITAL OUTPUTS


Similar Part No. - LTC1407IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407IMSE-1 LINER-LTC1407IMSE-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
More results

Similar Description - LTC1407IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com