Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M366S1723ET Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M366S1723ET
Description  SDRAM Unbuffered Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S1723ET Datasheet(HTML) 4 Page - Samsung semiconductor

  M366S1723ET Datasheet HTML 1Page - Samsung semiconductor M366S1723ET Datasheet HTML 2Page - Samsung semiconductor M366S1723ET Datasheet HTML 3Page - Samsung semiconductor M366S1723ET Datasheet HTML 4Page - Samsung semiconductor M366S1723ET Datasheet HTML 5Page - Samsung semiconductor M366S1723ET Datasheet HTML 6Page - Samsung semiconductor M366S1723ET Datasheet HTML 7Page - Samsung semiconductor M366S1723ET Datasheet HTML 8Page - Samsung semiconductor M366S1723ET Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
64MB, 128MB, 256MB Unbuffered DIMM
Rev. 1.3 February 2004
SDRAM
* SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
PIN CONFIGURATIONS (Front side/back side)
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Front
VSS
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
DQ8
VSS
DQ9
DQ10
DQ11
DQ12
DQ13
VDD
DQ14
DQ15
CB0
CB1
VSS
NC
NC
VDD
WE
DQM0
Pin
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
Front
DQM1
**CS0
DU
VSS
A0
A2
A4
A6
A8
A10/AP
BA1
VDD
VDD
**CLK0
VSS
DU
**CS2
DQM2
DQM3
DU
VDD
NC
NC
CB2
CB3
VSS
DQ16
DQ17
Pin
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
Front
DQ18
DQ19
VDD
DQ20
NC
*VREF
**CKE1
VSS
DQ21
DQ22
DQ23
VSS
DQ24
DQ25
DQ26
DQ27
VDD
DQ28
DQ29
DQ30
DQ31
VSS
**CLK2
NC
NC
SDA
SCL
VDD
Pin
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
Back
VSS
DQ32
DQ33
DQ34
DQ35
VDD
DQ36
DQ37
DQ38
DQ39
DQ40
VSS
DQ41
DQ42
DQ43
DQ44
DQ45
VDD
DQ46
DQ47
CB4
CB5
VSS
NC
NC
VDD
CAS
DQM4
Pin
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
Back
DQM5
**CS1
RAS
VSS
A1
A3
A5
A7
A9
BA0
A11
VDD
**CLK1
*A12
VSS
**CKE0
**CS3
DQM6
DQM7
*A13
VDD
NC
NC
CB6
CB7
VSS
DQ48
DQ49
Pin
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
Back
DQ50
DQ51
VDD
DQ52
NC
*VREF
REGE
VSS
DQ53
DQ54
DQ55
VSS
DQ56
DQ57
DQ58
DQ59
VDD
DQ60
DQ61
DQ62
DQ63
VSS
**CLK3
NC
SA0
SA1
SA2
VDD
Pin Description
Pin Name
Function
Pin Name
Function
A0 ~ A11
Address input (Multiplexed)
DQM0 ~ 7
DQM
BA0 ~ BA1
Select bank
VDD
Power supply (3.3V)
DQ0 ~ DQ63
Data input/output
VSS
Ground
CB0 ~ CB7
Check bit (Data-in/data-out)
VREF
Power supply for reference
CLK0 ~ 3
Clock input
REGE
Register enable
CKE0, CKE1
Clock enable input
SDA
Serial data I/O
CS0 ~ CS3
Chip select input
SCL
Serial clock
RAS
Row address strobe
SA0 ~ 2
Address in EEPROM
CAS
Colume address strobe
DU
Don
′t use
WE
Write enable
NC
No connection
1. * These pins are not used in this module.
2. Pins 82,83,165,166,167 should be NC in the system which does not support SPD.
3. Pins 21,22,52,53,105,106,136,137are used only ECC(x72) Module.
4. ** About these pins, Refer to the Block Diagram of each.
Note :


Similar Part No. - M366S1723ET

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS-C SAMSUNG-M366S1723DTS-C Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS-L1H SAMSUNG-M366S1723DTS-L1H Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS-L1L SAMSUNG-M366S1723DTS-L1L Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS-L7A SAMSUNG-M366S1723DTS-L7A Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
More results

Similar Description - M366S1723ET

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com