Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1225 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1225
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1225 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1225 Datasheet HTML 6Page - Maxim Integrated Products MAX1225 Datasheet HTML 7Page - Maxim Integrated Products MAX1225 Datasheet HTML 8Page - Maxim Integrated Products MAX1225 Datasheet HTML 9Page - Maxim Integrated Products MAX1225 Datasheet HTML 10Page - Maxim Integrated Products MAX1225 Datasheet HTML 11Page - Maxim Integrated Products MAX1225 Datasheet HTML 12Page - Maxim Integrated Products MAX1225 Datasheet HTML 13Page - Maxim Integrated Products MAX1225 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Serial Interface
Initialization After Power-Up
and Starting a Conversion
Upon initial power-up, the MAX1224/MAX1225 require a
complete conversion cycle to initialize the internal cali-
bration. Following this initial conversion, the part is ready
for normal operation. This initialization is only required
after a hardware power-up sequence and is not required
after exiting partial or full power-down mode.
To start a conversion, pull CNVST low. At CNVST’s
falling edge, the T/H enters its hold mode and a conver-
sion is initiated. SCLK runs the conversion and the data
can then be shifted out serially on DOUT.
Timing and Control
Conversion-start and data-read operations are con-
trolled by the CNVST and SCLK digital inputs. Figures 1
and 5 show timing diagrams, which outline the serial-
interface operation.
A CNVST falling edge initiates a conversion sequence:
the T/H stage holds the input voltage, the ADC begins
to convert, and DOUT changes from high impedance to
logic low. SCLK is used to drive the conversion
process, and it shifts data out as each bit of the conver-
sion is determined.
SCLK begins shifting out the data after the 4th rising
edge of SCLK. DOUT transitions tDOUT after each
SCLK’s rising edge and remains valid 4ns (tDHOLD)
after the next rising edge. The 4th rising clock edge
produces the MSB of the conversion at DOUT, and the
MSB remains valid 4ns after the 5th rising edge. Since
there are 12 data bits and 3 leading zeros, at least 16
rising clock edges are needed to shift out these bits.
For continuous operation, pull CNVST high between the
14th and the 16th SCLK rising edges. If CNVST stays
low after the falling edge of the 16th SCLK cycle, the
DOUT line goes to a high-impedance state on either
CNVST’s rising edge or the next SCLK’s rising edge.
1.5Msps, Single-Supply, Low-Power,
True-Differential, 12-Bit ADCs
10
______________________________________________________________________________________
DOUT
MODE
SCLK
CNVST
DOUT GOES HIGH IMPEDANCE ONCE CNVST GOES HIGH
CONVST MUST GO HIGH AFTER THE 3RD BUT BEFORE THE 14TH SCLK RISING EDGE
ONE 8-BIT TRANSFER
1ST SCLK RISING EDGE
PPD
00
0
D11
D10
D9
D8
D7
NORMAL
Figure 6. SPI Interface—Partial Power-Down Mode
Figure 5. Interface-Timing Sequence
tACQUIRE
CONTINUOUS-CONVERSION
SELECTION WINDOW
CNVST
tSETUP
DOUT
SCLK
414
12
8
3
16
HIGH IMPEDANCE
D1
D4
D6
D5
D9
D8
D7
D11
D10
POWER-MODE SELECTION WINDOW
D0
D2
D3


Similar Part No. - MAX1225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1225 MAXIM-MAX1225 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1225ETC+T MAXIM-MAX1225ETC+T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results

Similar Description - MAX1225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com