Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9386 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9386
Description  Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9386 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9386 Datasheet HTML 1Page - Maxim Integrated Products MAX9386 Datasheet HTML 2Page - Maxim Integrated Products MAX9386 Datasheet HTML 3Page - Maxim Integrated Products MAX9386 Datasheet HTML 4Page - Maxim Integrated Products MAX9386 Datasheet HTML 5Page - Maxim Integrated Products MAX9386 Datasheet HTML 6Page - Maxim Integrated Products MAX9386 Datasheet HTML 7Page - Maxim Integrated Products MAX9386 Datasheet HTML 8Page - Maxim Integrated Products MAX9386 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9386/MAX9387/MAX9388 are fully differential,
high-speed, low-jitter ECL/PECL multiplexers (muxes)
with output buffer(s). The devices are designed for
clock-and-data distribution applications, and feature
extremely low propagation delays (318ps, typ) and out-
put-to-output skews (3.9ps, typ). The MAX9386 is a 5:1
mux with a single output buffer. The MAX9387 is a 5:1
mux with dual output buffers, and is intended for use in
redundant systems. The MAX9388 is a 4:1 mux with a
single output buffer, and is pin compatible with the
MC100EP57.
Three single-ended select inputs, SEL0, SEL1, and
SEL2, control the mux function on the MAX9386/
MAX9387. The MAX9388 has two select inputs, SEL0
and SEL1. The mux select inputs are compatible with
ECL/PECL logic, and are internally referenced to the
on-chip output VBB, nominally VCC - 1.425V. The select
inputs accept signals between VCC and VEE. Internal
pulldowns to VEE ensure a low-default condition if the
select inputs are left open.
The differential inputs D_, D_ can be configured to
accept a single-ended signal when the unused comple-
mentary input is connected to the on-chip reference
output VBB. All the differential inputs have internal bias
and clamping circuits that ensure low-default output
states when the inputs are left open.
The MAX9386/MAX9387/MAX9388 operate with a wide
supply range
|VCC - VEE| of 2.375V to 5.5V. The
MAX9386/MAX9388 are offered in 20-pin TSSOP and
QSOP packages. The MAX9387 is offered in 24-pin
TSSOP and QSOP packages.
Applications
High-Speed Telecom and Datacom Applications
Central Office Backplane Clock Distribution
DSLAM/DLC
Features
o 318ps (typ) Propagation Delay
o >2.7GHz Toggle Frequency
o 0.3ps(RMS) Random Jitter
o <14ps (max) at +25°C Output-to-Output Skew
(MAX9387)
o -2.375V to -5.5V Supplies for Differential
LVECL/ECL
o +2.375V to +5.5V Supplies for Differential
LVPECL/PECL
o Outputs Low for Open Inputs
o Dual Output Buffers (MAX9387)
o Pin Compatible with MC100EP57 (MAX9388EUP)
o >2kV ESD Protection (Human Body Model)
Differential 5:1 or 4:1 ECL/PECL Multiplexers
with Single/Dual Output Buffers
________________________________________________________________ Maxim Integrated Products
1
19-2617; Rev 1; 12/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
SELECTION
MAX9386EUP
-40
°C to +85°C 20 TSSOP
5:1 mux with 1
output buffer
MAX9386EEP*
-40
°C to +85°C 20 QSOP
5:1 mux with 1
output buffer
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
SEL2
SEL1
SEL0
D1
D1
DO
DO
TOP VIEW
Q
Q
VCC
VBB1
D3
D3
D2
D2
12
11
9
10
VBB2
VEE
D4
D4
MAX9386
TSSOP/QSOP
Pin Configurations
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.
*Future product—contact factory for availability.


Similar Part No. - MAX9386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
   Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com