Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1572ETC180 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1572ETC180
Description  800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1572ETC180 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1572ETC180 Datasheet HTML 1Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 2Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 3Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 4Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 5Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 6Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 7Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 8Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
800mA, 2MHz, PWM DC-to-DC
Step-Down Converter with RESET
_______________________________________________________________________________________
5
60
0
2.0
5.5
INPUT CURRENT vs. INPUT VOLTAGE
WITH NO LOAD
30
10
20
50
40
INPUT VOLTAGE (V)
2.5
3.0
4.0
4.5
5.0
3.5
HEAVY-LOAD SWITCHING WAVEFORMS
MAX1572 toc08
VLX
IL
VOUT
RIPPLE
10mV/div
500mA/div
2V/div
200ns/div
ILOAD = 500mA
LIGHT-LOAD SWITCHING WAVEFORMS
MAX1572 toc09
VLX
IL
VOUT
RIPPLE
20mV/div
500mA/div
2V/div
2
µs/div
ILOAD = 20mA
SOFT-START/SHUTDOWN WAVEFORMS
MAX1572 toc10
VEN2
IIN
VOUT
1V/div
100mA/div
2V/div
200
µs/div
RESET WAVEFORM
MAX1572 toc11
VEN2
IIN
VRESET
VOUT
1V/div
1V/div
100mA/div
2V/div
100ms/div
LOAD TRANSIENT, FORCED-PWM MODE
MAX1572 toc12
ILOAD
VOUT
500mA/div
100mV/div
4
µs/div
ILOAD = 20mA TO 550mA
Typical Operating Characteristics (continued)
(VBATT = 3.6V, VOUT = 1.5V, EN1 = GND, EN2 = BATT, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1573 MAXIM-MAX1573 Datasheet
345Kb / 4P
   MAX1573 Evaluation Kit
Rev 1; 4/04
More results

Similar Description - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com