Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1572ETC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1572ETC
Description  800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1572ETC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1572ETC Datasheet HTML 1Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 2Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 3Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 4Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 5Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 6Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 7Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 8Page - Maxim Integrated Products MAX1572ETC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
800mA, 2MHz, PWM DC-to-DC
Step-Down Converter with RESET
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 3.6V, TA = +0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABATT, BATT, EN1, EN2, RESET, OUT,
SS to GND ............................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
LX Current (Note 1) .............................................................
±2.1A
Output Short-Circuit Duration ............................................Infinite
Continuous Power Dissipation (TA = +70
°C)
12-Pin Thin QFN (derate 16.9mW/
°C above +70°C)...1349mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATT Input Voltage
2.6
5.5
V
Undervoltage Lockout Threshold
VBATT rising and falling, 1% hysteresis
2.20
2.35
2.55
V
EN1 = GND, EN2 = BATT, no switching
48
80
Quiescent Supply Current
EN1 = BATT, EN2 = GND, no switching
700
µA
Shutdown Supply Current
EN1 = EN2 = GND, TA = +25°C
0.1
1
µA
Maximum Output Current
800
mA
OUT Bias Current
69
µA
No load, EN1 = EN2 = BATT
1.2
3.2
100mA load
-0.4
+0.8
+2.0
300mA load
0
550mA load
-1
Output-Voltage Accuracy
(Voltage Positioning)
800mA load
-2
%
Line Regulation
0.3
%/V
VBATT = 3.6V
0.28
0.45
P-Channel On-Resistance
ILX = 180mA
VBATT = 2.6V
0.33
VBATT = 3.6V
0.18
0.30
N-Channel On-Resistance
ILX = 180mA
VBATT = 2.6V
0.20
P-Channel Current-Limit Threshold
1.00
1.25
1.65
A
N-Channel Current-Limit Threshold
EN1 = EN2 = BATT
-0.68
-0.52
-0.37
A
N-Channel Zero-Crossing Threshold
EN1 = BATT, EN2 = GND
15
40
65
mA
LX Output Current
(Note 2)
1.4
ARMS
LX Leakage Current
EN1 = EN2 = GND
0.1
10
µA
Maximum Duty Cycle
100
%
EN1 = BATT, EN2 = GND or
EN1 = GND, EN2 = BATT
0
Minimum Duty Cycle
EN1 = EN2 = BATT
16.7
17.3
%
Switching Frequency
1.8
2
2.2
MHz
SS Output Impedance
65
100
150
k
Note 1: LX has internal clamp diodes to PGND and BATT. Applications that forward bias these diodes should take care not to
exceed the IC’s package power dissipation limits.


Similar Part No. - MAX1572ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1573 MAXIM-MAX1573 Datasheet
345Kb / 4P
   MAX1573 Evaluation Kit
Rev 1; 4/04
More results

Similar Description - MAX1572ETC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com