Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9386EUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9386EUP
Description  Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9386EUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9386EUP Datasheet HTML 3Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 4Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 5Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 6Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 7Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 8Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 9Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 10Page - Maxim Integrated Products MAX9386EUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Differential 5:1 or 4:1 ECL/PECL Multiplexers
with Single/Dual Output Buffers
_______________________________________________________________________________________
7
PIN
MAX9387
NAME
FUNCTION
1, 18, 24
VCC
Positive Supply. Bypass each VCC to VEE with 0.1µF and 0.01µF ceramic capacitors. Place the capacitors
as close to the device as possible with the smaller value capacitor closest to the device.
2
D0
Noninverting Differential Input 0. Internal 250k
Ω to VCC and 150kΩ to VEE.
3
D0
Inverting Differential Input 0. Internal 150k
Ω to VCC and 150kΩ to VEE.
4
D1
Noninverting Differential Input 1. Internal 250k
Ω to VCC and 150kΩ to VEE.
5
D1
Inverting Differential Input 1. Internal 150k
Ω to VCC and 150kΩ to VEE.
6
D2
Noninverting Differential Input 2. Internal 250k
Ω to VCC and 150kΩ to VEE.
7
D2
Inverting Differential Input 2. Internal 150k
Ω to VCC and 150kΩ to VEE.
8
D3
Noninverting Differential Input 3. Internal 250k
Ω to VCC and 150kΩ to VEE.
9
D3
Inverting Differential Input 3. Internal 150k
Ω to VCC and 150kΩ to VEE.
10
D4
Noninverting Differential Input 4. Internal 250k
Ω to VCC and 150kΩ to VEE.
11
D4
Inverting Differential Input 4. Internal 150k
Ω to VCC and 150kΩ to VEE.
12, 13
VEE
Negative Supply
14
VBB2
Reference Output Voltage 2. Connect to the inverting or noninverting data input to provide a reference for
single-ended operation. When used, bypass VBB2 to VCC with a 0.01µF ceramic capacitor. Otherwise
leave open.
15
VBB1
Reference Output Voltage 1. Connect to the inverting or noninverting data input to provide a reference for
single-ended operation. When used, bypass VBB1 to VCC with a 0.01µF ceramic capacitor. Otherwise
leave open.
16
Q1
Inverting Output 1. Typically terminate with 50
Ω resistor to VCC - 2V.
17
Q1
Noninverting Output 1. Typically terminate with 50
Ω resistor to VCC - 2V.
19
Q0
Inverting Output 0. Typically terminate with 50
Ω resistor to VCC - 2V.
20
Q0
Noninverting Output 0. Typically terminate with 50
Ω resistor to VCC - 2V.
21
SEL0
Select Logic Input 0. Internal 120k
Ω pulldown to VEE.
22
SEL1
Select Logic Input 1. Internal 120k
Ω pulldown to VEE.
23
SEL2
Select Logic Input 2. Internal 120k
Ω pulldown to VEE.
MAX9387 Pin Description


Similar Part No. - MAX9386EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9386EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
   Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com