Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90437LS Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90437LS
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90437LS Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90437LS Datasheet HTML 1Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 2Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 3Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 4Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 5Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 6Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 7Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 8Page - Fujitsu Component Limited. MB90437LS Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
MB90435 Series
5
(Continued)
*1 : Under development
*2 : If the one clock system is used, equip X0A and X1A with clocks from the tool side.
*3 : It is setting of DIP switch S2 when Emulator pod (MB2145-507) is used.Please refer to the MB2145-507 hardware
manual (2.7 Emulator-specific Power Pin) about details.
*4 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
*5 : OPERATING VOLTAGE RANGE
Features
MB90F438L (S) /F439 (S)
MB90437L (S) *1
/438L (S) /439 (S)
MB90V540G
16-bit Reload Timer
(2 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= System clock frequency)
Supports External Event Count function
Signals an interrupt when overflow
16-bit I/O Timer
Supports Timer Clear when a match with Output Compare (Channel 0)
Operation clock freq. : fsys/22, fsys/24, fsys/26, fsys/28 (fsys
= System clock freq.)
16-bit Output Compare
(4 channels)
Signals an interrupt when a match with 16-bit I/O Timer
Four 16-bit compare registers
A pair of compare registers can be used to generate an output signal
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Four 16-bit Capture registers
Signals an interrupt upon external event
8/16-bit
Programmable
Pulse Generator
(4 channels)
Supports 8-bit and 16-bit operation modes
Eight 8-bit reload counters
Eight 8-bit reload registers for L pulse width
Eight 8-bit reload registers for H pulse width
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as 8-bit
prescaler plus 8-bit reload counter
4 output pins
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= System clock frequency, fosc = Oscillation clock frequency)
32 kHz Sub-clock
Sub-clock for low power operation
External Interrupt
(8 channels)
Can be programmed edge sensitive or level sensitive
External bus
interface
External access using the selectable 8-bit or 16-bit bus is enabled
(external bus mode.)
I/O Ports
Virtually all external pins can be used as general purpose I/O
All push-pull outputs and schmitt trigger inputs
Bit-wise programmable as input/output or peripheral signal
Flash Memory
Supports automatic programming, Embeded Algorithm TM*4
Write/Erase/Erase-Suspend/Erase-Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 10 years
Boot block configuration
Erase can be performed on each block
Block protection by externally programmed voltage
Products
Operation guarantee range
MB90F439 (S) /439 (S) /V540G
4.5 V to 5.5 V
MB90F438L (S) /437L (S) /438L (S)
3.5 V to 5.5 V


Similar Part No. - MB90437LS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90437LS FUJITSU-MB90437LS Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90437LSPF FUJITSU-MB90437LSPF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90437LSPF CYPRESS-MB90437LSPF Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90437LSPMC FUJITSU-MB90437LSPMC Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90437LSPMC CYPRESS-MB90437LSPMC Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90437LS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com