Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F127 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91F127
Description  32-Bit Microcontroller CMOS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F127 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91F127 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 9Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 10Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 11Page - Fujitsu Component Limited. MB91F127 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MB91F127/F128
8
(Continued)
Note : Most of the above terminals multiplex inputs and outputs of I/O ports and resources, as indicated as “XXXX/
PXX”. If the outputs of ports and resources conflict with each other on the terminals, resources take prefer-
ences.
No.
Pin name
Input/output
circuit type
Description
79
PF0/TCI0
D
[TCI0] External clock input of timer 0.
[PF0] General input/output port
80
SI2/PF1
D
[SI2] Data input of UART2.This function is active when data in-
put of UART2 is allowed.
[PF1] General input/output port
81
SO2/PF2
D
[SO2] Data output of UART2.This function is active when data
output of UART2 is allowed.
[PF2] General input/output port. This function is active when
data output of UART2 is disallowed.
82
SC2/PF3/ATG
D
[SC2] Clock input of UART2
[ATG]External trigger input of A/D converter The input is used
whenever necessary if a function concerned is selected.
Output of other functions must be suspended if not on purpose.
[PF3] General input/output port
83 to 90
AN0/PJ0
AN1/PJ1
AN2/PJ2
AN3/PJ3
AN4/PJ4
AN5/PJ5
AN6/PJ6
AN7/PJ7
E
[AN0 to AN7] Analog input of A/D converter.
This function is active when analog input is specified in AIC reg-
ister.
[PJ0 through PJ7] General input/output ports
91
AVCC
VCC power supply for A/D converter
92
AVRH
Reference voltage of A/D converter (high potential side). Be
sure to turn on or off this terminal with a potential higher than
AVRH applied to VCC.
93
AVSS/AVRL
A/D converter VSS power source and reference voltage (low po-
tential side).
94 to 96
VCC
Power sources of digital circuits. Be sure to connect power
source to all terminals when the device is used.
97 to 100
VSS
Ground level of digital circuits.


Similar Part No. - MB91F127

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F109PF FUJITSU-MB91F109PF Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F109PFV FUJITSU-MB91F109PFV Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F133PBT FUJITSU-MB91F133PBT Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
MB91F133PMT2 FUJITSU-MB91F133PMT2 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
More results

Similar Description - MB91F127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92CZ26AXBG TOSHIBA-TMP92CZ26AXBG Datasheet
4Mb / 767P
   CMOS 32-Bit Microcontroller
TMP92CM22FG TOSHIBA-TMP92CM22FG Datasheet
1Mb / 260P
   CMOS 32-Bit Microcontroller
TMP92CM27 TOSHIBA-TMP92CM27 Datasheet
8Mb / 502P
   CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
TMP94C241C TOSHIBA-TMP94C241C Datasheet
16Mb / 236P
   CMOS 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
   32-bit RISC Microcontroller CMOS
MB91F264B FUJITSU-MB91F264B Datasheet
720Kb / 60P
   32-bit Proprietary Microcontroller CMOS
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
logo
Toshiba Semiconductor
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com