Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9388EEP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9388EEP
Description  Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9388EEP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9388EEP Datasheet HTML 6Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 7Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 8Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 9Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 10Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 11Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 12Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 13Page - Maxim Integrated Products MAX9388EEP Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information
Output Termination
Terminate the outputs through 50
Ω to VCC - 2V or use
equivalent Thevenin terminations. Terminate each Q
and Q output with identical termination on each for min-
imal distortion. When a single-ended signal is taken
from the differential output, terminate both Q and Q.
Ensure that output currents do not exceed the current
limits as specified in the Absolute Maximum Ratings
table. Under all operating conditions, the device’s total
thermal limits should be observed.
Supply Bypassing
Bypass VCC to VEE with high-frequency surface-mount
ceramic 0.1µF and 0.01µF capacitors. For PECL, bypass
each VCC to VEE. For ECL, bypass each VEE to VCC.
Place the capacitors as close to the device as possible
with the 0.01µF capacitor closest to the device pins.
Use multiple vias when connecting the bypass capaci-
tors to ground. When using the VBB1 or VBB2 reference
outputs, bypass each one with a 0.01µF ceramic
capacitor to VCC. If the VBB1 or VBB2 reference outputs
are not used, they can be left open.
Traces
Circuit board trace layout is very important to maintain
the signal integrity of high-speed differential signals.
Maintaining integrity is accomplished in part by reduc-
ing signal reflections and skew, and increasing com-
mon-mode noise immunity.
Signal reflections are caused by discontinuities in the
50
Ω characteristic impedance of the traces. Avoid dis-
continuities by maintaining the distance between differ-
ential traces, not using sharp corners or using vias.
Maintaining distance between the traces also increases
common-mode noise immunity. Reducing signal skew
is accomplished by matching the electrical length of
the differential traces.
Chip Information
TRANSISTOR COUNT: 583
PROCESS: Bipolar
Differential 5:1 or 4:1 ECL/PECL Multiplexers
with Single/Dual Output Buffers
______________________________________________________________________________________
11
VBB1
VBB2
VCC
VEE
VCC
VEE
MUX
150k
150k
120k
150k
250k
D0
D0
D1
D1
D2
D2
D3
D3
D4**
SEL0
SEL1
SEL2**
D4**
Q0 (Q*)
Q0 (Q*)
MAX9386 (*) DOES NOT HAVE Q1 AND Q1 OUTPUTS, AND
MAX9388 (**) DOES NOT HAVE D4, D4, AND SEL2 INPUTS.
Q1*
Q1*
D_
D_
MAX9386
MAX9387
MAX9388
VEE
Functional Block Diagram
Ordering Information (continued)
PART
TEMP
RANGE
PIN-
PACKAGE
SELECTION
MAX9387EUG
-40
°C to +85°C 24 TSSOP
5:1 mux with 2
output buffers
MAX9387EEG* -40
°C to +85°C 24 QSOP
5:1 mux with 2
output buffers
MAX9388EUP
-40
°C to +85°C 20 TSSOP
4:1 mux with 1
output buffer
MAX9388EEP*
-40
°C to +85°C 20 QSOP
4:1 mux with 1
output buffer
*Future product—contact factory for availability.


Similar Part No. - MAX9388EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9388EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
   Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com