Electronic Components Datasheet Search |
|
MB90522B Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90522B Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 99 page MB90520A/520B Series 11 *1 : FPT-120P-M05 *2 : FPT-120P-M13 (Continued) Pin No. Pin Name Circuit Type Function LQFP-120*1 QFP-120*2 16 P47 D General-purpose I/O port The settings in the pull-up resistor setup register (RDR4) are enabled when ports are set as inputs. The RDR4 settings are ignored when ports are set as outputs. SCK1 Serial clock input/output pin for extended I/O serial interface 1 Only available when serial clock output is enabled for SCK1. 35 P50 E General-purpose I/O port SIN2 Data input pin for extended I/O serial interface 2 Input operates continuously when the performing serial input. Accordingly, output to the pin from other functions that share this pin must be suspended unless performed intentionally. AIN1 Also can be used as the count clock A input to 8/16-bit up/down counter/ timer 1. 36 P51 E General-purpose I/O port SOT2 Data output pin for extended I/O serial interface 2 Only available when serial data output is enabled for SOT2. BIN1 Also can be used as the count clock B input to 8/16-bit up/down counter/ timer 1. 37 P52 E General-purpose I/O port SCK2 Serial clock input/output pin for extended I/O serial interface 2 Only available when serial clock output is enabled for SCK2. ZIN1 Also can be used as the control clock Z input to 8/16-bit up/down counter/ timer 1. 40, 41 P53, P54 I General-purpose I/O ports DA0, DA1 Analog output pins for ch.0 and ch.1 of the 8-bit D/A converter 46 to 53 P60 to P67 K General-purpose I/O ports Port input is enabled when the analog input enable register (ADER) is set to the ports. AN0 to AN7 Analog inputs for the 8/10-bit A/D converter Analog input is enabled when the analog input enable register (ADER) is set. 55, 57 P70, P72 E General-purpose I/O ports TI0, TI1 Event input pins for 16-bit reload timers 0 and 1 Input operates continuously when 16-bit reload timers 0 and 1 input an external clock. Accordingly, output to these pins from other functions that share the pins must be suspended unless performed intentionally. OUT4, OUT6 Event output pins for ch. 4 and ch. 6 of output compare unit 1 (OCU) Only available when event output from output compare 1 is enabled. |
Similar Part No. - MB90522B |
|
Similar Description - MB90522B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |