Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4053 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVXT4053
Description  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVXT4053 Datasheet HTML 1Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 2Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 3Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC74LVXT4053
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*7.0 to )0.5
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
*0.5 to )7.0
*0.5 to )7.0
V
VIS
Analog Input Voltage
VEE
*0.5 to V
CC )0.5
V
VIN
Digital Input Voltage
(Referenced to GND)
*0.5 to 7.0
V
I
DC Current, Into or Out of Any Pin
$20
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
)150
_C
qJA
Thermal Resistance
SOIC
TSSOP
143
164
°C/W
PD
Power Dissipation in Still Air,
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% – 35%
UL–94–VO (0.125 in)
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
u1000
V
ILATCH–UP
Latch–Up Performance
Above VCC and Below GND at 125°C (Note 5)
$300
mA
1. Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Extended exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum–rated
conditions is not implied.
2. Tested to EIA/JESD22–A114–A.
3. Tested to EIA/JESD22–A115–A.
4. Tested to JESD22–C101–A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*6.0
GND
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.5
2.5
6.0
6.0
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage
(Note 6) (Referenced to GND)
0
6.0
V
TA
Operating Temperature Range, All Package Types
*55
125
_C
tr, tf
Input Rise/Fall Time
VCC = 3.0 V $ 0.3 V
(Channel Select or Enable Inputs)
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
6. Unused inputs may not be left open. All inputs must be tied to a high–logic voltage level or a low–logic input voltage level.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Similar Part No. - MC74LVXT4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4053 ONSEMI-MC74LVXT4053 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053 Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
MC74LVXT4053D ONSEMI-MC74LVXT4053D Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DG ONSEMI-MC74LVXT4053DG Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053DG ONSEMI-MC74LVXT4053DG Datasheet
206Kb / 14P
   Analog Multiplexer/ Demultiplexer
July, 2016 ??Rev. 7
More results

Similar Description - MC74LVXT4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com