Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90522APFF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90522APFF
Description  16-bit Proprietary Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90522APFF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90522APFF Datasheet HTML 7Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 8Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 9Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 10Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 11Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 12Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 13Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 14Page - Fujitsu Component Limited. MB90522APFF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
MB90520A/520B Series
11
*1 : FPT-120P-M05
*2 : FPT-120P-M13
(Continued)
Pin No.
Pin Name
Circuit
Type
Function
LQFP-120*1
QFP-120*2
16
P47
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR4) are enabled
when ports are set as inputs. The RDR4 settings are ignored when ports
are set as outputs.
SCK1
Serial clock input/output pin for extended I/O serial interface 1
Only available when serial clock output is enabled for SCK1.
35
P50
E
General-purpose I/O port
SIN2
Data input pin for extended I/O serial interface 2
Input operates continuously when the performing serial input.
Accordingly, output to the pin from other functions that share this pin must
be suspended unless performed intentionally.
AIN1
Also can be used as the count clock A input to 8/16-bit up/down counter/
timer 1.
36
P51
E
General-purpose I/O port
SOT2
Data output pin for extended I/O serial interface 2
Only available when serial data output is enabled for SOT2.
BIN1
Also can be used as the count clock B input to 8/16-bit up/down counter/
timer 1.
37
P52
E
General-purpose I/O port
SCK2
Serial clock input/output pin for extended I/O serial interface 2
Only available when serial clock output is enabled for SCK2.
ZIN1
Also can be used as the control clock Z input to 8/16-bit up/down counter/
timer 1.
40, 41
P53, P54
I
General-purpose I/O ports
DA0, DA1
Analog output pins for ch.0 and ch.1 of the 8-bit D/A converter
46 to 53
P60 to P67
K
General-purpose I/O ports
Port input is enabled when the analog input enable register (ADER) is set
to the ports.
AN0 to
AN7
Analog inputs for the 8/10-bit A/D converter
Analog input is enabled when the analog input enable register (ADER) is
set.
55, 57
P70, P72
E
General-purpose I/O ports
TI0, TI1
Event input pins for 16-bit reload timers 0 and 1
Input operates continuously when 16-bit reload timers 0 and 1 input an
external clock. Accordingly, output to these pins from other functions that
share the pins must be suspended unless performed intentionally.
OUT4,
OUT6
Event output pins for ch. 4 and ch. 6 of output compare unit 1 (OCU)
Only available when event output from output compare 1 is enabled.


Similar Part No. - MB90522APFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90522A FUJITSU-MB90522A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90522APFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com