Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6295T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6295T
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6295T Datasheet(HTML) 5 Page - Microchip Technology

  MCP6295T Datasheet HTML 1Page - Microchip Technology MCP6295T Datasheet HTML 2Page - Microchip Technology MCP6295T Datasheet HTML 3Page - Microchip Technology MCP6295T Datasheet HTML 4Page - Microchip Technology MCP6295T Datasheet HTML 5Page - Microchip Technology MCP6295T Datasheet HTML 6Page - Microchip Technology MCP6295T Datasheet HTML 7Page - Microchip Technology MCP6295T Datasheet HTML 8Page - Microchip Technology MCP6295T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 5
MCP6291/1R/2/3/4/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Bias Current at
TA =+85 °C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 2.4V.
FIGURE 2-4:
Input Offset Voltage Drift.
FIGURE 2-5:
Input Bias Current at
TA = +125 °C.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
Input Offset Voltage (mV)
840 Samples
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
35%
40%
0
10
2030
405060
7080
90
100
Input Bias Current (pA)
210 Samples
TA = 85°C
0
50
100
150
200
250
300
350
400
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Common Mode Input Voltage (V)
VDD = 2.4V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift (µV/°C)
840 Samples
VCM = VSS
TA = -40°C to +125°C
0%
5%
10%
15%
20%
25%
30%
Input Bias Current (pA)
210 Samples
TA = +125°C
200
250
300
350
400
450
500
550
600
650
700
750
800
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C


Similar Part No. - MCP6295T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6295T MICROCHIP-MCP6295T Datasheet
570Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
10/05/07
MCP6295T-ESN MICROCHIP-MCP6295T-ESN Datasheet
570Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
10/05/07
More results

Similar Description - MCP6295T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6292T-E MICROCHIP-MCP6292T-E Datasheet
570Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
10/05/07
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com