Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ3075 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ3075
Description  Zener Diodes Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3075 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ3075 Datasheet HTML 1Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 2Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 3Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 4Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 5Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 6Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Zener Diodes
1
Publication date: February 2002
SKE00003BED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener knee operating resistance
RZK
IZ
Specified value
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR1
VR
Specified value
µA
IR2
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR
Specified value
pF
MAZ3000 Series (MA3000 Series)
Silicon planar type
For stabilization of power supply
s Features
• Mini type 3-pin package (Mini3-G1)
• Allowing to achieve a high-density set
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 36 V
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
100
mA
Repetitive peak forward current
IFRM
200
mA
Total power dissipation *
1
Ptot
200
mW
Non-repetitive reverse surge
PZSM
15
W
power dissipation *
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1: Anode
2: N.C.
3: Cathode
EIAJ : SC-59
Mini3-G1 Package
Note) *1: With a printed circuit board
*2: t = 100 µs, Tj = 150°C
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ3020:
2.0
MAZ30820H: 8.2H
Note) L/M/H marked products will be sup-
plied unless other wise specified
Internal Connection
s Common Electrical Characteristics T
a = 25°C
*1
Note) 1. Rated input/output frequency: 5 MHz
2. *1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2: Guaranteed at 20 ms after power application.
*3: Tj = 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9
±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
12
3
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MAZ3075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3075 PANASONIC-MAZ3075 Datasheet
108Kb / 7P
   Silicon planar type
MAZ3075 PANASONIC-MAZ3075 Datasheet
103Kb / 7P
   Silicon planar type
MAZ3075-H PANASONIC-MAZ3075-H Datasheet
108Kb / 7P
   Silicon planar type
MAZ3075-L PANASONIC-MAZ3075-L Datasheet
108Kb / 7P
   Silicon planar type
MAZ3075-M PANASONIC-MAZ3075-M Datasheet
108Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ3075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4020 PANASONIC-MAZ4020 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM3Z2B4H ZOWIE-MM3Z2B4H Datasheet
151Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com