Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR5001 Datasheet(PDF) 9 Page - International Rectifier

Part # IR5001
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR5001 Datasheet HTML 5Page - International Rectifier IR5001 Datasheet HTML 6Page - International Rectifier IR5001 Datasheet HTML 7Page - International Rectifier IR5001 Datasheet HTML 8Page - International Rectifier IR5001 Datasheet HTML 9Page - International Rectifier IR5001 Datasheet HTML 10Page - International Rectifier IR5001 Datasheet HTML 11Page - International Rectifier IR5001 Datasheet HTML 12Page - International Rectifier IR5001 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
IR5001
9
www.irf.com
guarantees that
once the ORing N-FET is
conducting and Vout of the IR5001 is high (FET
current flows from source to drain), the current must
reverse the direction before the IR5001 will switch
the FET off.
The asymmetrical offset voltage
prevents potential oscillations at light load that could
otherwise occur if the offset voltage was centered
around
0mV (as is
the
case in
standard
comparators).
Vout
Vout is the output pin of the IR5001, and connects
directly to the gate of the external Active ORing N-
FET. The voltage level at the Vout pin is typically a
diode drop lower than the Vcc voltage.
FETst and FETch
FETch and FETst pins are diagnostic pins that can
be used to determine the status of the Active ORing
circuit.
FETst is an open-drain output pin. When the voltage
difference between VINP - VINN is less than 0.3V,
the FETst pin will be logic high. This is normally the
case when Active ORing is operating properly (VINP
- VINN is less than ~100mV). If the Active ORing
FET is not turned on while the IR5001 is properly
biased, the output of the FETst pin will be logic low
(only the body diode of the N-FET is conducting, and
VINP - VINN is ~700mV).
FETch pin. In traditional systems with diode ORing,
it is not possible to determine if the diode is
functioning properly unless external circuitry is used.
For example, the diode could be failed short, and the
system would not be aware of it until the source fails
and the whole system gets powered down due to
lost redundancy (shorted diode failed to isolate the
source failure). With the FETch pin it is possible to
perform a periodic check of the status of the Active
ORing circuit to assure that system redundancy is
maintained.
In the IR5001, the FETch pin is an input pin that
can be used to turn off the output of the IR5001:
logic high signal on FETch will pull the Vout pin low,
and turn-off the channel of the Active ORing N-FET.
This will force the current to flow through the body
diode, resulting in VINP – VINN voltage increase
from less than ~100mV, to ~700mV. This voltage
increase will be reported at FETst pin, which will
switch from logic high to logic low, and indicate that
the Active ORing circuit is working properly. Failure
of the FETst pin output to change from logic high to
logic low would indicate that the Active ORing circuit
may not be operating as designed, and the system
may no longer have power redundancy. For details
on how to use this feature consult IR5001 Evaluation
Kit,
P/N IRDC5001-LS48V.
If t the FETch pin is not used, it should be tied to
ground (for noise immunity purposes). If not used,
FETst pin should be left open.
Gnd
In typical target applications, the ground pin (Gnd) of
IR5001 is connected to the source of the Active
ORing N-FET.


Similar Part No. - IR5001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com