Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4016C1C-C10 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R4016C1C-C10
Description  256Kx16 Bit High Speed Static RAM(5V Operating).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016C1C-C10 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R4016C1C-C10 Datasheet HTML 1Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 2Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 3Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 4Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 5Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 6Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 7Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 8Page - Samsung semiconductor K6R4016C1C-C10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
K6R4016C1C-C, K6R4016C1C-E, K6R4016C1C-I
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 4.0
- 2 -
September 2001
256K x 16 Bit High-Speed CMOS Static RAM
The K6R4016C1C is a 4,194,304-bit high-speed Static Ran-
dom Access Memory organized as 262,144 words by 16 bits.
The K6R4016C1C uses 16 common input and output lines and
has an output enable pin which operates faster than address
access time at read cycle. Also it allows that lower and upper
byte access by data byte control(UB, LB). The device is fabri-
cated using SAMSUNG
′s advanced CMOS process and
designed for high-speed circuit technology. It is particularly well
suited for use in high-density high-speed system applications.
The K6R4016C1C is packaged in a 400mil 44-pin plastic SOJ
or TSOP(II) forward or 48 Fine pitch BGA.
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 60mA(Max.)
(CMOS) : 10mA(Max.)
Operating
K6R4016C1C-10 : 185mA(Max.)
K6R4016C1C-12 : 175mA(Max.)
K6R4016C1C-15 : 165mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Data Byte Control : LB : I/O1~ I/O8, UB : I/O9~ I/O16
• Standard Pin Configuration
K6R4016C1C-J : 44-SOJ-400
K6R4016C1C-T : 44-TSOP2-400BF
K6R4016C1C-F : 48-Fine pitch BGA with 0.75 Ball pitch
Clk Gen.
I/O1~I/O8
OE
UB
CS
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
1024 Rows
256 x 16 Columns
I/O Circuit &
I/O9~I/O16
Data
Cont.
WE
LB
K6R4016C1C-C10/C12/C15
Commercial Temp.
K6R4016C1C-E10/E12/E15
Extended Temp.
K6R4016C1C-I10/I12/I15
Industrial Temp.
ORDERING INFORMATION
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17


Similar Part No. - K6R4016C1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D-EC0810 SAMSUNG-K6R4016C1D-EC0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4016C1D-EC10 SAMSUNG-K6R4016C1D-EC10 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D-EC10 SAMSUNG-K6R4016C1D-EC10 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4016C1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4004C1C-C SAMSUNG-K6R4004C1C-C Datasheet
155Kb / 8P
   1Mx4 Bit High Speed Static RAM(5V Operating).
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com