Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551MM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6551MM
Description  Differential, High Speed Op Amp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6551MM Datasheet HTML 1Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 2Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 3Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
±5V Electrical Characteristics (Note 2) (Continued)
Single ended in differential out, T
A= 25˚C, G = +1, VS = ±5V, VCM = 0V, RF =RG = 365
Ω,R
L = 500
Ω;; Unless specified Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
V
OSC
Input Offset Voltage
Common Mode, V
ID = 0
0.5
±5
±8
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
8.2
µV/˚C
Input Bias Current
(Note 9)
−2
µA
V
CM CMRR
V
ID = 0V, 1V step on VCM pin,
measure V
OD
70
75
dB
Input Resistance
25
k
Common Mode Gain
∆V
O,CM/
∆V
CM
0.995
0.999
1.005
V/V
Output Performance
Output Voltage Swing
Single Ended, Peak to Peak
±7.38
±7.18
±7.8
V
Output Common Mode Voltage
Range
V
ID =0V,
±3.69
±3.8
V
I
OUT
Linear Output Current
V
OUT =0V
±50
±65
mA
I
SC
Short Circuit Current
Output Shorted to Ground
V
IN = 3V Single Ended(Note 3)l
140
mA
Output Balance Error
∆V
OUTCommon Mode
/
∆V
OUTDIfferential , VOUT = 0.5
Vpp Differential,f=10MHz
−70
dB
Miscellaneous Performance
A
VOL
Open Loop Gain
Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
∆V
S = ±1V
74
90
dB
Supply Current
R
L =
11
12.5
14.5
16.5
mA
5V Electrical Characteristics (Note 2)
Single ended in differential out, T
A= 25˚C, G = +1, VS = 5V, VCM = 2.5V, RF =RG = 365
Ω,R
L = 500
Ω; ; Unless specifiedBold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
SSBW
Small Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT = 0.5 VPP
350
MHz
LSBW
Large Signal −3 dB Bandwidth
R
L = 500
Ω,V
OUT =2VPP
300
MHz
0.1 dB Bandwidth
V
OUT =2VPP
50
MHz
Slew Rate
4V Step(Note 6)
1800
V/µs
Rise/Fall Time, 10% to 90%
4V Step
2
ns
Settling Time
4V Step, 0.05%
17
ns
V
CM Pin AC Performance (Common Mode Feedback Amplifier)
Common Mode Small Signal
Bandwidth
170
MHz
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL=800
−84
dBc
HD2
V
O =2VPP,f=20 MHz, RL=800
−69
dBc
HD3
3
rd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL=800
−93
dBc
HD3
V
O =2VPP,f=20 MHz, RL=800
−67
dBc
e
n
Input Referred Noise Voltage
Freq
≥ 1 MHz
6.0
nV/
i
n
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
Input Characteristics (Differential)
www.national.com
4


Similar Part No. - LMH6551MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551MM TI1-LMH6551MM Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MM NSC-LMH6551MM Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MM TI1-LMH6551MM Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MM/NOPB TI1-LMH6551MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MMNOPB NSC-LMH6551MMNOPB Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
More results

Similar Description - LMH6551MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com