Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV05020WAH Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTV05020WAH
Description  18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV05020WAH Datasheet(HTML) 5 Page - Texas Instruments

  PTV05020WAH Datasheet HTML 1Page - Texas Instruments PTV05020WAH Datasheet HTML 2Page - Texas Instruments PTV05020WAH Datasheet HTML 3Page - Texas Instruments PTV05020WAH Datasheet HTML 4Page - Texas Instruments PTV05020WAH Datasheet HTML 5Page - Texas Instruments PTV05020WAH Datasheet HTML 6Page - Texas Instruments PTV05020WAH Datasheet HTML 7Page - Texas Instruments PTV05020WAH Datasheet HTML 8Page - Texas Instruments PTV05020WAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
DEVICE INFORMATION
PIN 1
PIN 5
PIN 12
PTV05020W
SLTS232 – JANUARY 2005
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
VI
5, 6
The positive input voltage power node to the module, which is referenced to common GND.
VO
3, 4
The regulated positive power output with respect to the GND node.
This is the common ground connection for the VI and VO power connections. It is also the 0-Vdc reference for the
GND
1, 2, 10, 11
control inputs.
The Inhibit pin is an open-collector/drain, active-low input that is referenced to GND. Applying a low-level ground
signal to this input disables the module's output and turns off the output voltage. When the Inhibit control is active,
Inhibit
12
the input current drawn by the regulator is significantly reduced. If the inhibit feature is not used, the control pin
should be left open-circuit. The module then produces an output voltage whenever a valid input source is applied.
A 1% resistor must be connected directly between this pin and GND (pin 1 or 2) to set the output voltage of the
module higher than its lowest value. The temperature stability of the resistor should be 100 ppm/
°C (or better).
The set-point range is 0.8 V to 3.6 V. The resistor value can be calculated using a formula. If this input is left
Vo Adjust
8
open-circuit, the output voltage defaults to its lowest value. For further information, consult the related application
note.
The specification table gives the standard resistor values for a number of common output voltages.
The sense input allows the regulation circuit to compensate for voltage drop between the module and the load. For
Vo Sense
7
optimal voltage accuracy Vo Sense should be connected to VO. It can also be left disconnected.
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage from
0 V up to the nominal set-point voltage. Within this range, the output follows the voltage at the Track pin on a
volt-for-volt basis. When the control voltage is raised above this range, the module regulates at its set-point
Track
9
voltage. The feature allows the output voltage to rise simultaneously with other modules powered from the same
input bus. If unused, this input should be connected to VI.
NOTE: Due to the undervoltage lockout feature, the output of the module cannot follow its own input voltage
during power up. Consult the related Application Information for further guidance.
Front View of Module
Figure 5. Pin Terminal Locations
5


Similar Part No. - PTV05020WAH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV05020WAH EMERSON-NETWORKPOWER-PTV05020WAH Datasheet
222Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTV05020WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com