Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102GST1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPXM2102GST1
Description  100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102GST1 Datasheet(HTML) 8 Page - Motorola, Inc

  MPXM2102GST1 Datasheet HTML 1Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 2Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 3Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 4Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 5Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 6Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 7Page - Motorola, Inc MPXM2102GST1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MPXM2102 SERIES
8
Motorola Sensor Device Data
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental
damages. “Typical” parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application
by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where
personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized app lication,
Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the
part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MOTOROLA and the Stylized M Logo are registered in the US Patent & Trademark Office. All other product or service names are the property of their
respective owners.
E Motorola, Inc. 2001
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3–20–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Minami–Azabu. Minato–ku, Tokyo 106–8573 Japan. 81–3–3440–3569
Technical Information Center: 1–800–521–6274
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre,
2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
852–26668334
HOME PAGE: http://www.motorola.com/semiconductors/
MPXM2102/D


Similar Part No. - MPXM2102GST1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102GST1 MOTOROLA-MPXM2102GST1 Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
299Kb / 16P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
335Kb / 16P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
302Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2102GST1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
   100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2100 NXP-MPX2100 Datasheet
185Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 10, 10/2008
logo
Freescale Semiconductor...
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
   200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com