Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5P21240 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF5P21240
Description  RF POWER FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5P21240 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF5P21240 Datasheet HTML 1Page - Motorola, Inc MRF5P21240 Datasheet HTML 2Page - Motorola, Inc MRF5P21240 Datasheet HTML 3Page - Motorola, Inc MRF5P21240 Datasheet HTML 4Page - Motorola, Inc MRF5P21240 Datasheet HTML 5Page - Motorola, Inc MRF5P21240 Datasheet HTML 6Page - Motorola, Inc MRF5P21240 Datasheet HTML 7Page - Motorola, Inc MRF5P21240 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF5P21240R6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
η
2200
5
15
2080
-50
40
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2–Carrier W–CDMA Broadband Performance
VDD = 28 Vdc, Pout = 52 W (Avg.), IDQ = 2200 mA
2-Carrier W-CDMA, 10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF)
-30
-5
-10
-15
-20
-25
2100
2120
2140
2160
2180
14
35
13
30
12
25
11
20
10
-25
9
-30
8
-35
7
-40
6
-45
300
12
14
2
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Two–Tone Power Gain versus
Output Power
13.5
13
12.5
100
10
IDQ = 2640 mA
2420 mA
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two-Tone Measurement, 10 MHz Tone Spacing
2200 mA
1980 mA
1760 mA
300
-55
-25
2
IDQ = 2640 mA
2420 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation Distortion
versus Output Power
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two-Tone Measurement, 10 MHz Tone Spacing
-30
-35
-40
-45
-50
10
100
2200 mA
1980 mA
1760 mA
30
-55
-25
0.1
7th Order
TWO-TONE SPACING (MHz)
Figure 6. Intermodulation Distortion Products
versus Tone Spacing
VDD = 28 Vdc, Pout = 240 W (PEP), IDQ = 2200 mA
Two-Tone Measurements, Center Frequency = 2140 MHz
5th Order
3rd Order
-30
-35
-40
-45
-50
110
46
50
60
36
Ideal
P3dB = 55.03 dBm (318.24 W)
Actual
Pin, INPUT POWER (dBm)
Figure 7. Pulse CW Output Power versus
Input Power
VDD = 28 Vdc, IDQ = 2200 mA
Pulse CW, 8 µsec(on), 1.6 msec(off)
Center Frequency = 2140 MHz
59
58
57
56
55
54
53
52
51
37
38
39
40
41
42
43
44
45
P1dB = 54.36 dBm (272.9 W)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5P21240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF5P21240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com