Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1535NT1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRF1535NT1
Description  RF Power Field Effect Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1535NT1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MRF1535NT1 Datasheet HTML 4Page - Motorola, Inc MRF1535NT1 Datasheet HTML 5Page - Motorola, Inc MRF1535NT1 Datasheet HTML 6Page - Motorola, Inc MRF1535NT1 Datasheet HTML 7Page - Motorola, Inc MRF1535NT1 Datasheet HTML 8Page - Motorola, Inc MRF1535NT1 Datasheet HTML 9Page - Motorola, Inc MRF1535NT1 Datasheet HTML 10Page - Motorola, Inc MRF1535NT1 Datasheet HTML 11Page - Motorola, Inc MRF1535NT1 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF1535NT1 MRF1535FNT1 MRF1535T1 MRF1535FT1
Table 5. Common Source Scattering Parameters (VDD = 12.5 Vdc)
IDQ = 250 mA
f
S11
S21
S12
S22
f
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.89
−173
8.496
83
0.014
−26
0.76
−170
100
0.90
−175
3.936
72
0.014
−14
0.79
−170
150
0.91
−175
2.429
63
0.011
−23
0.82
−170
200
0.92
−175
1.627
57
0.010
−44
0.86
−170
250
0.94
−176
1.186
53
0.007
−16
0.88
−170
300
0.95
−176
0.888
49
0.005
−44
0.91
−171
350
0.96
−176
0.686
48
0.005
36
0.92
−170
400
0.96
−176
0.568
44
0.005
−1
0.94
−171
450
0.97
−176
0.457
44
0.004
49
0.94
−172
500
0.97
−176
0.394
44
0.003
−51
0.95
−171
550
0.98
−176
0.332
42
0.001
31
0.95
−173
600
0.98
−177
0.286
41
0.013
99
0.94
−173
IDQ = 1.0 A
f
S11
S21
S12
S22
f
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.90
−173
8.49
83
0.006
−39
0.86
−176
100
0.90
−175
3.92
72
0.009
−5
0.86
−176
150
0.91
−175
2.44
63
0.006
7
0.87
−176
200
0.92
−175
1.62
57
0.008
21
0.88
−175
250
0.94
−176
1.19
53
0.006
8
0.89
−174
300
0.95
−176
0.89
48
0.008
3
0.89
−174
350
0.96
−176
0.69
48
0.007
48
0.91
−174
400
0.96
−176
0.57
44
0.004
41
0.93
−173
450
0.97
−176
0.46
44
0.004
43
0.93
−173
500
0.97
−176
0.39
44
0.003
57
0.94
−173
550
0.98
−176
0.33
41
0.006
62
0.94
−174
600
0.98
−177
0.28
41
0.009
96
0.93
−173
IDQ = 2.0 A
f
S11
S21
S12
S22
f
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.94
−176
9.42
88
0.005
−72
0.89
−177
100
0.94
−178
4.56
82
0.005
4
0.89
−177
150
0.94
−178
2.99
78
0.003
7
0.89
−177
200
0.94
−178
2.14
74
0.005
17
0.90
−176
250
0.95
−178
1.67
71
0.004
40
0.90
−175
300
0.95
−178
1.32
67
0.007
35
0.91
−175
350
0.95
−178
1.08
67
0.005
57
0.92
−174
400
0.96
−178
0.93
63
0.003
50
0.93
−173
450
0.96
−178
0.78
62
0.007
68
0.93
−173
500
0.96
−177
0.68
61
0.004
99
0.94
−173
550
0.97
−177
0.59
58
0.008
78
0.93
−175
600
0.97
−178
0.51
57
0.009
92
0.92
−174


Similar Part No. - MRF1535NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF1535NT1 FREESCALE-MRF1535NT1 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1 Datasheet
708Kb / 19P
   RF Power Field Effect Transistors
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF1535NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com