Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1845AMDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1845AMDREP
Description  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1845AMDREP Datasheet(HTML) 3 Page - Texas Instruments

  UC1845AMDREP Datasheet HTML 1Page - Texas Instruments UC1845AMDREP Datasheet HTML 2Page - Texas Instruments UC1845AMDREP Datasheet HTML 3Page - Texas Instruments UC1845AMDREP Datasheet HTML 4Page - Texas Instruments UC1845AMDREP Datasheet HTML 5Page - Texas Instruments UC1845AMDREP Datasheet HTML 6Page - Texas Instruments UC1845AMDREP Datasheet HTML 7Page - Texas Instruments UC1845AMDREP Datasheet HTML 8Page - Texas Instruments UC1845AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
VCC voltage (low impedance source)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC voltage (ICC mA)
self limiting
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output energy (capacitive load)
5
µJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Inputs (pins 3, 5)
–0.3 V to 6.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Error Amp Output Sink current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation at TA < +25_C (D package)
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D (8-pin) package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
NOTE 1: Long term high–temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction
of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
electrical characteristics, TA = –55_C to 125_C for the UC184xAM-EP, VCC = 15 V (see Note 1),
RT = 10 kΩ, CT = 3.3 nF, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output voltage
TJ = 25_C,
IO = 1 mA
4.95
5.0
5.05
V
Line regulation voltage
VIN = 12 V to 25 V
6
20
mV
Load regulation voltage
IO = 1 mA to 20 mA
6
25
mV
Temperature stability
See Notes 2 and 3
0.2
0.4
mV/
_C
Total output variation voltage
Line, Load, Temp.
4.9
5.1
V
Output noise voltage
f = 10 Hz to 10 kHz,
See Note 2
TJ = 25_C
50
µV
Long term stability
1000 hours,
See Note 2
TA = 125_C
5
25
mV
Output short-circuit current
–30
–100
–180
mA
Oscillator Section
Initial accuracy
See Note 4
TJ = 25_C
47
52
57
kHz
Voltage stability
VCC = 12 V to 25 V
0.2
1
%
Temperature stability
TA = MIN to MAX, See Note 2
5
%
Amplitude peak-to-peak
V pin 7,
See Note 2
1.7
V
Discharge current
V pin 7
2 V
See Note 5
TJ = 25_C
7.8
8.3
8.8
mA
Discharge current
V pin 7 = 2 V,
See Note 5
TJ = Full range
7.5
8.8
mA


Similar Part No. - UC1845AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1845AMDREP TI1-UC1845AMDREP Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1845AMDREPG4 TI1-UC1845AMDREPG4 Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UC1845AMDREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com