Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT88E45B Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MT88E45B
Description  4-Wire Calling Number Identification Circuit 2
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88E45B Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MT88E45B Datasheet HTML 1Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 2Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 3Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 4Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88E45B Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
MT88E45B
5
Message Waiting Indicator) and CIDCW (Calling
Identity Delivery on Call Waiting).
In Europe, Caller ID requirements are defined by
ETSI. The CPE documents are ETS 300 778-1 for
on-hook, ETS 300 778-2 for off-hook. The end office
requirements are ETS 300 659-1 (on-hook) and ETS
300 659-2 (off-hook). ETSI has defined services
such as CLIP and CLIP with Call Waiting which are
similar to those of Bellcore. Some European
countries produce their own national specifications.
For example, in the UK BT’s standards are SIN227
and SIN242, the UK CCA (Cable Communications
Association) standard is TW/P&E/312.
In on-hook Caller ID, such as CND, CNAM and CLIP,
the information is typically transmitted (in FSK) from
the end office before the subscriber picks up the
phone. There are various methods such as between
the first and second rings (North America), between
an abbreviated ring and the first true ring (Japan,
France and Germany). On-hook Caller ID can also
occur without ringing for services such as VMWI. In
BT’s on-hook CLIP, the signalling begins with a line
polarity reversal, followed by CAS and then FSK.
Bellcore calls an on-hook capable Caller ID CPE a
‘Type 1 CPE’.
In off-hook Caller ID, such as CIDCW and CLIP with
Call Waiting, information about a new calling party is
sent to the subscriber who is already engaged in a
call. Bellcore’s method uses CAS to alert the CPE.
When the CPE detects CAS and there are no off-
hook
extensions,
the
CPE
should
mute
its
transmission path and send an acknowledgment to
the end office via a DTMF digit called ACK. Upon
receiving ACK, the end office will send the FSK data.
Bellcore calls an off-hook capable CPE a ‘Type 2
CPE’. A Type 2 CPE is capable of off-hook and Type
1 functionalities and should ACK with a DTMF ‘D’.
The ETSI and BT off-hook signalling protocols are
similar to Bellcore’s but with timing and signal
parametric differences. ETSI has no requirement for
off-hook extension checking before ACK.
One factor affecting the quality of the CIDCW service
is the CPE’s CAS speech immunity. Although the
end office has muted the far end party before and
after it sends CAS, the near end (the end which is to
receive the information) user may be still talking.
Therefore the CPE must be able to detect CAS
successfully in the presence of near end speech.
This is called the talkdown immunity. The CPE must
also be immune to imitation of CAS by speech from
both ends of the connection because the CAS
detector
is
continuously
exposed
to
speech
throughout the call. This is called the talkoff
immunity.
If the CPE is a telephone, one way to achieve good
CAS speech immunity is to put CAS detection on the
telephone hybrid or speech IC receive pair instead of
on Tip and Ring. Talkdown immunity improves
because the near end speech has been attenuated
while the CAS level is the same as on Tip/Ring,
resulting in improved signal to speech ratio. Talkoff
immunity is also improved because the near end
speech has been attenuated.
In the Bellcore SR-TSV-002476 Issue 1 off-hook
protocol, the CPE should not ACK if it detected an
off-hook extension. The FSK will not be sent and the
customer will not receive the Call Waiting ID.
Bellcore, together with the TIA (Telecommunications
Industry Association) TR41.3.1 working group, has
defined a CPE capability called Multiple Extension
Interworking (MEI) which overcomes this problem.
In the MEI scheme, all MEI compatible CPEs must
be capable of detecting CAS when the line is off-
hook, even though the CPE itself may be on-hook.
This is because under some conditions an on-hook
CPE may become the ACK sender. Another reason
for the on-hook CPE to detect CAS is to maintain
synchronous call logs between on and off-hook
CPEs. When CAS is received and all off-hook CPEs
are MEI compatible, one of the CPEs will ACK and
all compatible CPEs will receive FSK.
A problem arises in a CPE where the CAS detector
is connected only to the hybrid or speech IC receive
pair: it cannot detect CAS when it is on-hook. The
reason is that when the CPE is on-hook either the
hybrid/speech IC is non functional or the signal level
is severely attenuated. Therefore an on-hook Type 2
CPE must be capable of detecting CAS from Tip/
Ring, in addition to detecting CAS from the hybrid/
speech IC receive signal when it is off-hook.
The MT88E45B offers an optimal solution which
combines
good
speech
immunity
and
MEI
compatibility.
Two
input
op-amps
allow
the
MT88E45B to be connected both to Tip/Ring and to
the hybrid/speech IC receive pair. Both connections
can
be
differential
or
single
ended.
FSK
demodulation is always on the Tip/Ring signal. CAS
detection can be from the Tip/Ring or hybrid/speech
IC receive signal. Being able to detect CAS on Tip/
Ring also makes the MT88E45B suitable for BT on-
hook CLIP applications.
For applications such as those in most European
countries where Tip/Ring CAS detection is not
needed, then the Tip/Ring and Hybrid op-amp gains
can be tailored independently to meet country
specific FSK and CAS signal level requirements


Similar Part No. - MT88E45B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT88E45BN ZARLINK-MT88E45BN Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
MT88E45BN1 ZARLINK-MT88E45BN1 Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
MT88E45BNR1 ZARLINK-MT88E45BNR1 Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
MT88E45BS ZARLINK-MT88E45BS Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
MT88E45BSR ZARLINK-MT88E45BSR Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
More results

Similar Description - MT88E45B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88E45 MITEL-MT88E45 Datasheet
114Kb / 27P
   4-Wire Calling Number Identification Circuit 2(4-Wire CNIC2)
logo
Zarlink Semiconductor I...
MT88E45 ZARLINK-MT88E45 Datasheet
523Kb / 30P
   4-Wire Calling Number Identification Circuit 2 (4-Wire CNIC2)
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com