Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514260E-70TS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514260E-70TS-K
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514260E-70TS-K Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514260E-70TS-K Datasheet HTML 3Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 4Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 5Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 6Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 7Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 8Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 9Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 10Page - OKI electronic componets MSM514260E-70TS-K Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MSM514260E
7/14
AC Characteristic (2/2)
(VCC = 5V ± 10%, Ta = 0°C to 70°C) Note1,2,3
MSM514260
E-60
MSM514260
E-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Column Address to RAS Lead Time
tRAL
30
35
ns
Read Command Set-up Time
tRCS
0
0
ns
11
Read Command Hold Time
tRCH
0
0
ns
8,11
Read Command Hold Time referenced to RAS
tRRH
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
ns
9,11
Write Command Hold Time
tWCH
10
15
ns
11
Write Command Pulse Width
tWP
10
10
ns
OE Command Hold Time
tOEH
15
20
ns
Write Command to RAS Lead Time
tRWL
15
20
ns
Write Command to CAS Lead Time
tCWL
15
20
ns
13
Data-in Set-up Time
tDS
0
0
ns
10,11
Data-in Hold Time
tDH
10
15
ns
10,11
OE to Data-in Delay Time
tOED
15
20
ns
CAS to WE Delay Time
tCWD
40
50
ns
9
Column Address to WE Delay Time
tAWD
55
65
ns
9
RAS to WE Delay Time
tRWD
85
100
ns
9
CAS Precharge WE Delay Time
tCPWD
60
70
ns
9
CAS Active Delay Time from RAS Precharge
tRPC
5
5
ns
11
RAS to CAS Set-up Time (CAS before RAS)
tCSR
10
10
ns
11
RAS to CAS Hold Time (CAS before RAS)
tCHR
10
10
ns
12


Similar Part No. - MSM514260E-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260E-70TS-K OKI-MSM514260E-70TS-K Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514260E-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265B OKI-MSM514265B Datasheet
1Mb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com