Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2375 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2375
Description  MOSFET N-Ch, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2375 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2375 Datasheet HTML 1Page - NTE Electronics NTE2375 Datasheet HTML 2Page - NTE Electronics NTE2375 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE2375
MOSFET
N–Ch, Enhancement Mode
High Speed Switch
Features:
D Dynamic dv/dt Rating
D Repetitive Avalanche Rated
D Isolated Central Mounting Hole
D Fast Switching
D Ease of Paralleling
D Simple Drive Requirements
Absolute Maximum Ratings:
Continuous Drain Current (VGS = 10V), ID
TC = +25°C
41A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +100°C
29A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed Drain Current (Note 1), IDM
120A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +25°C), PD
230W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Linearly Above 25
°C
1.5W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate–to–Source Voltage, VGS
±20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single Pulse Avalanche Energy (Note 2), EAS
830mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche Current (Note 1), IAR
41A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Avalanche Energy (Note 1), EAR
19mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Diode Recovery dv/dt (Note 3), dv/dt
5.5V/ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–55
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1.6mm from case for 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . .
Mounting Torque (6–32 or M3 Screw)
10 lbf
in (1.1Nm)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
0.65
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
40
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Resistance, Case–to–Sink (Flat, Greased Surface), RthCS
0.24
°C/W
. . . . . . . . . . .
Note 1. Repetitive rating; pulse width limited by maximum junction temperature.
Note 2. VDD = 25V, starting TJ = +25°C, L = 740µH, RG = 25Ω, IAS = 41A
Note 3. ISD ≤ 41A, di/dt ≤ 300A/µs, VDD ≤ V(BR)DSS, TJ ≤ +175°C


Similar Part No. - NTE2375

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2370 NTE-NTE2370 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2371 NTE-NTE2371 Datasheet
28Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2372 NTE-NTE2372 Datasheet
27Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2373 NTE-NTE2373 Datasheet
28Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2374 NTE-NTE2374 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2375

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2389 NTE-NTE2389 Datasheet
23Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2921 NTE-NTE2921 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2941 NTE-NTE2941 Datasheet
25Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2396 NTE-NTE2396 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2399 NTE-NTE2399 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2923 NTE-NTE2923 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2376 NTE-NTE2376 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2374 NTE-NTE2374 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE492 NTE-NTE492 Datasheet
21Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE66 NTE-NTE66 Datasheet
26Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2900 NTE-NTE2900 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com