Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2375 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2375
Description  MOSFET N-Ch, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2375 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2375 Datasheet HTML 1Page - NTE Electronics NTE2375 Datasheet HTML 2Page - NTE Electronics NTE2375 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain–to–Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
100
V
Breakdown Voltage Temp. Coefficient
∆V(BR)DSS
∆TJ
Reference to +25
°C, ID = 1mA
0.14
V/
°C
Static Drain–to–Source On–Resistance
RDS(on)
VGS = 10V, ID = 25A, Note 4
0.055
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
2.0
4.0
V
Forward Transconductance
gfs
VDS = 25V, ID = 25A, Note 4
13
mhos
Drain–to–Source Leakage Current
IDSS
VDS = 100V, VGS = 0V
25
µA
VDS = 80V, VGS = 0V, TJ = +150°C
250
µA
Gate–to–Source Forward Leakage
IGSS
VGS = 20V
100
nA
Gate–to–Source Reverse Leakage
IGSS
VGS = –20V
–100
nA
Total Gate Charge
Qg
ID = 41A, VDS = 80V, VGS = 10V,
140
nC
Gate–to–Source Charge
Qgs
Note 4
29
nC
Gate–to–Drain (“Miller”) Charge
Qgd
68
nC
Turn–On Delay Time
td(on)
VDD = 50V, ID = 41A, RG = 6.2Ω,
16
ns
Rise Time
tr
RD = 1.2Ω, Note 4
120
ns
Turn–Off Delay Time
td(off)
60
ns
Fall Time
tf
81
ns
Internal Drain Inductance
LD
Between lead, .250in. (6.0) mm from
5.0
nH
Internal Source Inductance
LS
package and center of die contact
13.0
nH
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
2800
pF
Output Capacitance
Coss
1100
pF
Reverse Transfer Capaticance
Crss
280
pF
Source–Drain Ratings and Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Continuous Source Current (Body Diode)
IS
41
A
Pulsed Source Current (Body Diode)
ISM
Note 1
160
A
Diode Forward Voltage
VSD
TJ = +25°C, IS = 41A, VGS = 0V,
Note 4
2.5
V
Reverse Recovery Time
trr
TJ = +25°C, IF = 41A,
220
330
ns
Reverse Recovery Charge
Qrr
di/dt = 100A/
µs, Note 4
1.9
2.9
µC
Forward Turn–On Time
ton
Intrinsic turn–on time is neglegible (turn–on is dominated by LS+LD)
Note 1. Repetitive rating; pulse width limited by maximum junction temperature.
Note 4. Pulse width
≤ 300µs; duty cycle ≤ 2%.


Similar Part No. - NTE2375

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2370 NTE-NTE2370 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2371 NTE-NTE2371 Datasheet
28Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2372 NTE-NTE2372 Datasheet
27Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2373 NTE-NTE2373 Datasheet
28Kb / 3P
   MOSFET P-Ch, Enhancement Mode High Speed Switch
NTE2374 NTE-NTE2374 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2375

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2389 NTE-NTE2389 Datasheet
23Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2921 NTE-NTE2921 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2941 NTE-NTE2941 Datasheet
25Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2396 NTE-NTE2396 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2399 NTE-NTE2399 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2923 NTE-NTE2923 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2376 NTE-NTE2376 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2374 NTE-NTE2374 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE492 NTE-NTE492 Datasheet
21Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE66 NTE-NTE66 Datasheet
26Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2900 NTE-NTE2900 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com