Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ88C24MADP Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # NJ88C24MADP
Description  Frequency Synthesiser with non-resettable counters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C24MADP Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  NJ88C24MADP Datasheet HTML 1Page - Zarlink Semiconductor Inc NJ88C24MADP Datasheet HTML 2Page - Zarlink Semiconductor Inc NJ88C24MADP Datasheet HTML 3Page - Zarlink Semiconductor Inc NJ88C24MADP Datasheet HTML 4Page - Zarlink Semiconductor Inc NJ88C24MADP Datasheet HTML 5Page - Zarlink Semiconductor Inc NJ88C24MADP Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS2438 - 2.3
NJ88C24
Frequency Synthesiser with non-resettable counters
The NJ88C24 is a synthesiser circuit fabricated on the GPS
CMOS process and is capable of achieving high sideband
attenuation and low noise performance. It contains a reference
oscillator, 11-bit programmable reference divider, digital and
sample-and-hold comparators, 10-bit programmable ‘M’ counter,
7-bit programmable ‘A’ counter and the necessary control and
latch circuitry for accepting and latching the input data.
Data is presented serially under external control from a
suitable microprocessor. Although 28 bits of data are initially
required to program all counters, subsequent updating can be
abbreviated to 17 bits, when only the ‘A’ and‘M’ counters require
changing.
The NJ88C24 is intended to be used in conjunction with a
two-modulus prescaler such as the SP8710 or SP8705 series
to produce a universal binary coded synthesiser for up to
1100MHz operation.
Fig.1 Pin connections - top view (not to scale)
FEATURES
s Low Power Consumption
s High Performance Sample and Hold Phase Detector
s Serial Input with Fast Update Feature
s >20MHz Input Frequency
s Fast Lock-up Time
DG16, DP16
MP18
Fig.2 Block diagram
7 (9)
8 (10)
10 (12)
12 (14)
11 (13)
4 (5)
6 (7)
5 (6)
OSC IN
OSC OUT
DATA
ENABLE
CLOCK
FIN
VDD
VSS
REFERENCE COUNTER
(11BITS)
LATCH 6
LATCH 7
LATCH 8
LATCH 1
LATCH 2
LATCH 3
‘M’ COUNTER
(10 BITS)
‘M’ REGISTER
‘R’ REGISTER
CONTROL LOGIC
LATCH 4
LATCH 5
‘A’ COUNTER
(7 BITS)
‘A’ REGISTER
42
SAMPLE/HOLD
PHASE
DETECTOR
FREQUENCY/
PHASE
DETECTOR
VSS
PDA
PDB
LOCK DETECT (LD)
MODULUS
CONTROL
OUTPUT (MC)
1 (1)
2 (2)
3 (4)
14 (16)
RB
CAP
CH
15
17
16
fr
fV
(17)
(15)
(18)
ORDERING INFORMATION
NJ88C24 MA DG Ceramic DIL Package
NJ88C24 MA DP Plastic DIL Package
NJ88C24 MA MP Miniature Plastic DIL Package
20·5V to 7V
7V
VSS20·3V to VDD10·3V
255
°C to 1125°C
(DP and MP packages)
265
°C to 1150°C
(DG package)
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VDD2VSS:
Input voltage
Open drain output, LD pin:
All other pins:
Storage temperature:
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
NJ88C24
PDA
PDB
NC
LD
FIN
VSS
VDD
NC
OSC IN
CH
RB
MC
CAP
ENABLE
CLOCK
DATA
NC
OSC OUT
CH
RB
MC
CAP
ENABLE
CLOCK
DATA
NC
PDA
PDB
LD
FIN
VSS
VDD
OSC IN
OSC OUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NJ88C24


Similar Part No. - NJ88C24MADP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C22 ZARLINK-NJ88C22 Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C22MADG ZARLINK-NJ88C22MADG Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C22MADP ZARLINK-NJ88C22MADP Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C22MAMP ZARLINK-NJ88C22MAMP Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
More results

Similar Description - NJ88C24MADP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C22 ZARLINK-NJ88C22 Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
logo
Schurter Inc.
0034.1518 SCHURTER-0034.1518 Datasheet
1Mb / 1P
   non resettable
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
   Frequency Counters
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com