Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT3946DW1T2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MBT3946DW1T2G
Description  Dual General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT3946DW1T2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MBT3946DW1T2G Datasheet HTML 3Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 4Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 5Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 6Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 7Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 8Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 9Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 10Page - ON Semiconductor MBT3946DW1T2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MBT3946DW1T1
http://onsemi.com
7
(NPN)
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
−55
°C
(NPN)
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
(NPN)
Figure 17. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
−0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
−1.0
−1.5
−2.0
200
TJ = 25°C
VBE(sat) @ IC/IB =10
VCE(sat) @ IC/IB =10
VBE @ VCE =1.0 V
+25
°C TO +125°C
−55
°C TO +25°C
+25
°C TO +125°C
−55
°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)
(NPN)
(NPN)


Similar Part No. - MBT3946DW1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT3946DW1T2G ONSEMI-MBT3946DW1T2G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
More results

Similar Description - MBT3946DW1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com