Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE4911 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE4911
Description  Surge Clamping, Transient Overvoltage Suppressor Bidirectional
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE4911 Datasheet(HTML) 2 Page - NTE Electronics

  NTE4911 Datasheet HTML 1Page - NTE Electronics NTE4911 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d):
Clamping Factor: 1.33 @ full rated power
1.20 @ 50% rated power
The clamping factor is defined as: The ratio of the actual VC (Clamping Voltage) to the actual BV
(Breakdown Voltage) as measured on a specific device.
Maximum Ratings
NTE Type
Number
Diagram
Number
Maximum Reverse
Stand Off Voltage
(Volts)
Breakdown Voltage @ IT
(Volts)
Clamping Voltage
@ Ipp (1msec)
(Volts)
Reverse Leakage
Current @ VR
(
µA)
Peak Pulse
Current
(Amps)
Temperature
Coefficient
of BV%/
°C
VR
VBR
VC
IR
Ipp
Min
Typ
Max
IT mA
4919
183
11.10
12.40
13.00
13.70
1.0
18.2
5.0
82.00
0.081
4921
183
12.80
14.30
15.00
15.80
1.0
21.1
5.0
71.00
0.084
4923
183
13.60
15.20
16.00
16.80
1.0
22.5
5.0
67.00
0.086
4927
183
15.30
17.10
18.00
18.90
1.0
25.2
5.0
59.50
0.088
4929
183
17.10
19.00
20.00
21.00
1.0
27.7
5.0
54.00
0.090
4933
183
20.50
22.80
24.00
25.20
1.0
33.2
5.0
45.00
0.094
4935
183
23.10
25.70
27.05
28.40
1.0
37.5
5.0
40.00
0.096
4937
183
25.60
28.50
30.00
31.50
1.0
36.0
5.0
41.40
0.097
4939
183
28.20
31.40
33.00
34.70
1.0
45.7
5.0
33.00
0.098
4941
183
30.80
34.20
36.00
37.80
1.0
49.9
5.0
30.00
0.099
4943
183
33.30
37.10
39.00
41.00
1.0
53.9
5.0
28.00
0.100
4945
183
36.80
40.90
43.00
45.20
1.0
59.3
5.0
25.30
0.101
4947
183
40.20
44.70
47.00
49.40
1.0
64.8
5.0
23.30
0.101
4951
183
43.60
48.50
51.05
53.60
1.0
70.1
5.0
21.40
0.102
4953
183
47.80
53.20
56.00
58.80
1.0
77.0
5.0
19.50
0.103
4955
183
53.00
58.90
62.00
65.10
1.0
85.0
5.0
17.70
0.104
4959
183
58.10
64.60
68.00
71.40
1.0
92.0
5.0
16.30
0.104
4961
183
64.10
71.30
75.00
78.80
1.0
103.0
5.0
14.60
0.105
4963
183
70.10
77.90
82.00
86.10
1.0
113.0
5.0
13.30
0.105
4965
183
77.80
86.50
91.00
95.50
1.0
125.0
5.0
12.00
0.106
4967
183
85.50
95.00
100.00
105.00
1.0
137.0
5.0
11.00
0.106
4969
183
94.00
105.00
110.00
116.00
1.0
152.0
5.0
9.90
0.107
4971
183
102.00
114.00
120.00
126.00
1.0
165.0
5.0
9.10
0.107
4973
183
111.00
124.00
130.00
137.00
1.0
179.0
5.0
8.40
0.107
4975
183
128.00
143.00
150.00
158.00
1.0
207.0
5.0
7.20
0.108
4977
183
136.00
152.00
160.00
168.00
1.0
219.0
5.0
6.80
0.108
4979
183
145.00
162.00
170.00
179.00
1.0
234.0
5.0
6.40
0.108
4981
183
154.00
171.00
180.00
189.00
1.0
246.0
5.0
6.10
0.108
4983
183
185.00
209.00
220.00
231.00
1.0
328.0
5.0
4.60
0.109
4985
183
214.00
237.00
250.00
263.00
1.0
344.0
5.0
5.00
0.109
4989
183
171.00
190.00
200.00
210.00
1.0
274.0
5.0
5.50
0.108
4991
183
256.00
285.00
300.00
315.00
1.0
414.0
5.0
3.58
0.110
4993
183
273.00
304.00
320.00
336.00
1.0
438.0
5.0
4.50
0.110
4995
183
300.00
333.00
350.00
368.00
1.0
482.0
4.0
3.08
0.110
4997
183
342.00
380.00
400.00
420.00
1.0
548.0
4.0
2.78
0.110
4999
183
376.00
418.00
440.00
462.00
1.0
603.0
5.0
3.50
0.110
Note 1. Normal selection of a zener transient over voltage suppressor is by rated stand–off voltage
(VWM) and should be equal or greater than DC or continuous peak operating voltage.
1.100
(27.94)
Min
.375
(9.52)
Max
.205 (5.21)
Dia Max
.042 (1.07) Dia Max


Similar Part No. - NTE4911

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE491 NTE-NTE491 Datasheet
22Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE4910 NTE-NTE4910 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4914 NTE-NTE4914 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4918 NTE-NTE4918 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE491T NTE-NTE491T Datasheet
27Kb / 2P
   N-Ch, Enhancement Mode High Speed Switch
More results

Similar Description - NTE4911

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE4902 NTE-NTE4902 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4903 NTE-NTE4903 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectiona
NTE4900 NTE-NTE4900 Datasheet
20Kb / 2P
   Surge Clamping, Overvoltage Transient Suppressor, Unidirectional
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
logo
ON Semiconductor
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
   Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
   Overvoltage Transient Suppressor
December, 2002 - Rev. 1
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
   Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com