Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE4919 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE4919
Description  Surge Clamping, Transient Overvoltage Suppressor Bidirectional
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE4919 Datasheet(HTML) 1 Page - NTE Electronics

  NTE4919 Datasheet HTML 1Page - NTE Electronics NTE4919 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE4903 thru NTE4999
Surge Clamping, Transient Overvoltage Suppressor
Bidirectional
Description:
The NTE4900 series of silicon Transient Suppressors designed to protect voltage sensitive compo-
nents from high energy voltage transients. Transient over voltage suppressor devices have become
very important as a consequence of their high surge capability, extremely fast response time, and low
incremental surge resistance (Rs).
Application:
The NTE4900 series has a peak pulse power rating of 1500 watts for one millisecond. Can protect
integrated circuits, hybrids, CMOS, MOS, and other voltage sensitive components in a broad range
of applications such as telecommunications, power supplies, computers, automotive, industrial and
medical equipment.
Absolute Maximum Ratings;
Peak Pulse Power Dissipation (TA = +25°C)
1500W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
tclamping (0 volts to Bv Min)
< 5 x 10–9 sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating and Storage Temperature
–65
°C to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Surge Rating 200 Amps,
1/20 Second at +25
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Steady State Power Dissipation
5.0 W @ T1 = +25
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Clamping Factor: 1.33 @ full rated power
1.20 @ 50% rated power
The clamping factor is defined as: The ratio of the actual VC (Clamping Voltage) to the actual BV
(Breakdown Voltage) as measured on a specific device.
Maximum Ratings
NTE Type
Number
Diagram
Number
Maximum Reverse
Stand Off Voltage
(Volts)
Breakdown Voltage @ IT
(Volts)
Clamping Voltage
@ Ipp (1msec)
(Volts)
Reverse Leakage
Current @ VR
(
µA)
Peak Pulse
Current
(Amps)
Temperature
Coefficient
of BV%/
°C
VR
VBR
VC
IR
Ipp
Min
Typ
Max
IT mA
4903
183
5.50
6.12
6.80
7.48
10.0
10.8
1000.0
139.00
0.057
4905
183
6.40
7.13
7.50
7.88
10.0
11.3
500.0
132.00
0.061
4907
183
7.02
7.79
8.20
8.61
10.0
12.1
200.0
124.00
0.065
4911
183
8.55
9.50
10.00
10.50
10.0
14.5
10.0
103.00
0.073
4915
183
10.20
11.40
12.00
12.60
1.0
16.7
5.0
90.00
0.078


Similar Part No. - NTE4919

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE491 NTE-NTE491 Datasheet
22Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE4910 NTE-NTE4910 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4914 NTE-NTE4914 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4918 NTE-NTE4918 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE491T NTE-NTE491T Datasheet
27Kb / 2P
   N-Ch, Enhancement Mode High Speed Switch
More results

Similar Description - NTE4919

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE4902 NTE-NTE4902 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4903 NTE-NTE4903 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectiona
NTE4900 NTE-NTE4900 Datasheet
20Kb / 2P
   Surge Clamping, Overvoltage Transient Suppressor, Unidirectional
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
logo
ON Semiconductor
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
   Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
   Overvoltage Transient Suppressor
December, 2002 - Rev. 1
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
   Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com