Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNC7S101 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CNC7S101
Description  Optoisolators (Photocouplers)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNC7S101 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CNC7S101 Datasheet HTML 1Page - Panasonic Semiconductor CNC7S101 Datasheet HTML 2Page - Panasonic Semiconductor CNC7S101 Datasheet HTML 3Page - Panasonic Semiconductor CNC7S101 Datasheet HTML 4Page - Panasonic Semiconductor CNC7S101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Optoisolators (Photocouplers)
CNC7S101, CNZ3182, CNC7T101, CNC1H101
(ON3181, ON3182, ON3183, ON3184)
Optoisolators
Overview
CNC7S101 is an AC input compatible optoisolator in which two
GaAs high output infrared light emitting diode chips are connected
in reverse parallel as light emitting elements, and opitically are
connected to a high sensitivity Si phototransistor chip as a light
detecting element in a small DIL 4-pin package.
This optoisolator series also includes the two-channel CNZ3182,
the three-channel CNC7T101, and the four-channel CNC1H101.
The CNC7S101 series has a number of excellent features,
including high I/O isolation voltage and current transfer ratio (CTR),
as well as high speed response and high reliability.
Features
AC input support
High I/O isolation voltage : VISO = 5000 Vrms (min.)
Fast response : tr = 4 µs, tf = 3 µs
UL listed (UL File No. E79920)
Applications
Telephones
Telephone switches
Programmable controllers
AC/DC input modules for measuring
Unit : mm
CNC7S101
CNZ3182
CNC7T101
CNC1H101
Unit : mm
Unit : mm
Unit : mm
1: Anode/Cathode
2: Cathode/Anode
3: Emitter
4: Collector
1,3: Anode/Cathode
2,4: Cathode/Anode
5,7: Emitter
6,8: Collector
1,3,5: Anode/Cathode
2,4,6: Cathode/Anode
7,9,11: Emitter
8,10,12: Collector
1,3,5,7: Anode/Cathode
2,4,6,8: Cathode/Anode
9,11,13,15: Emitter
10,12,14,16: Collector
0 to
15˚
0 to
15˚
0 to
15˚
0 to
15˚
1
23
4
1
2
3
4
6
5
8
7
7.62
±0.3
2.54 min.
0.5 min.
6.2
±0.5
7.62
±0.3
6.2
±0.5
0 to
15˚
0 to
15˚
1
2
3
4
5
6
9
10
11
12
7
8
1
2
3
4
5
6
7
8
13
14
15
16
9
10
11
12
7.62
±0.3
6.2
±0.5
0 to
15˚
0 to
15˚
7.62
±0.3
6.2
±0.5
5.2 max.
2.54 min.
0.5 min.
5.2 max.
2.54 min.
0.5 min.
5.2 max.
2.54 min.
0.5 min.
5.2 max.
LED Mark
LED Mark
LED Mark
LED Mark
Pin Connection
Top View
Top View
CNC7S101
Top View
CNC7T101
1
2
4
3
1
2
12
11
3
4
10
9
5
6
8
7
1
2
8
7
3
4
6
5
1
2
16
15
3
4
14
13
5
6
12
11
7
8
10
9
CNZ3182
Top View
CNC1H101
Note) The part numbers in the parenthesis show conventional part number.


Similar Part No. - CNC7S101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
More results

Similar Description - CNC7S101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
logo
Lite-On Technology Corp...
LTV-0501 LITEON-LTV-0501 Datasheet
566Kb / 13P
   Photocouplers
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Lite-On Technology Corp...
LTV-0701 LITEON-LTV-0701 Datasheet
460Kb / 13P
   Photocouplers
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com