Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX16CF950 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 4Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 5Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 6Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 7Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 8Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Page 8
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
I
Normal Mode : Address bit 4
EEPROM
13
O
EE_CK
EEPROM clock.
14
O
EE_CS
EEPROM active-high Chip Select.
16
I
EE_DI
EEPROM data in. This pin should be pulled up using 1-10k
resistor.
15
O
EE_DO
EEPROM data out.
Miscellaneous Pins
18, 31
I/O
MIO[1:0]
User defined IO pins.
Note: that if enabled, MIO[1:0] can be used as an interrupt
inputs.
17
I
MODE
Local Bus mode select. Note Local Bus mode requires
indirect addressing, which is only supported by the PCMCIA
specification
‘0’ = Normal Mode
(CF/PCMCIA compatible)
‘1’ = Local Bus Mode (PCMCIA compatible)
Power and Ground2
39, 19, 8
G
GND
Ground (0 Volts). The GND pins should be tied to ground
40, 22, 9
V
VDD
Power supply. The VDD pins should be tied to 5 Volts or 3.3
Volts
Table 1: Pin Descriptions
Note 1: Direction key:
I
Input
IU
Input with internal pull-up
ID
Input with external pull-down
O
Output
I/O
Bi-directional
G
Ground
V
3.3V/5V power


Similar Part No. - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950-PCC60-B OXFORD-OX16C950-PCC60-B Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950-TQC60-B OXFORD-OX16C950-TQC60-B Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
OX16C950B OXFORD-OX16C950B Datasheet
28Kb / 2P
   Intelligent Single Channel UART
logo
PLX Technology
OX16C950B PLX-OX16C950B Datasheet
163Kb / 2P
   High Performance UART
More results

Similar Description - OX16CF950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1893 AD-AD1893 Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
logo
Oxford Semiconductor
OXCF950 OXFORD-OXCF950_06 Datasheet
375Kb / 66P
   low cost asynchronous 16-bit PC card or Compact Flash UART device
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
Analog Devices
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
   Low Cost 16-Bit Anlog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com