Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB110NQ08LT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHB110NQ08LT
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB110NQ08LT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHB110NQ08LT Datasheet HTML 4Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 5Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 6Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 7Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 8Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 9Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 10Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 11Page - NXP Semiconductors PHB110NQ08LT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
PHP/PHB110NQ08LT
N-channel TrenchMOS™ logic level FET
Product data
Rev. 01 — 29 March 2004
8 of 13
9397 750 12924
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Tj =25 °C and 175 °C; VGS =0V
ID = 25 A; VDD = 14 V and 60 V
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 13. Gate-source voltage as a function of gate
charge; typical values.
03ap62
0
25
50
75
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25 °C
175
°C
VGS = 0 V
03ap64
0
2
4
6
8
10
0
50
100
150
QG (nC)
VGS
(V)
ID = 25 A
Tj = 25 °C
VDD = 60 V
14 V


Similar Part No. - PHB110NQ08LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB110NQ08T PHILIPS-PHB110NQ08T Datasheet
89Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-29 March 2004
PHB110NQ08T NXP-PHB110NQ08T Datasheet
181Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-12 October 2009
logo
Nexperia B.V. All right...
PHB110NQ08T NEXPERIA-PHB110NQ08T Datasheet
679Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 12 October 2009
More results

Similar Description - PHB110NQ08LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com