Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA123JE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA123JE
Description  NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA123JE Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA123JE Datasheet HTML 1Page - NXP Semiconductors PDTA123JE Datasheet HTML 2Page - NXP Semiconductors PDTA123JE Datasheet HTML 3Page - NXP Semiconductors PDTA123JE Datasheet HTML 4Page - NXP Semiconductors PDTA123JE Datasheet HTML 5Page - NXP Semiconductors PDTA123JE Datasheet HTML 6Page - NXP Semiconductors PDTA123JE Datasheet HTML 7Page - NXP Semiconductors PDTA123JE Datasheet HTML 8Page - NXP Semiconductors PDTA123JE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 13
4
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ
PDTC123J series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
THERMAL CHARACTERISTICS
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
10
V
VI
input voltage
positive
+12
V
negative
−−5V
IO
output current (DC)
100
mA
ICM
peak collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
500
mW
SOT23
note 1
250
mW
SOT346
note 1
250
mW
SOT323
note 1
200
mW
SOT416
notes 1
150
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT416
note 1
833
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W


Similar Part No. - PDTA123JE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123JE PHILIPS-PDTA123JE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Nov 25
PDTA123JE NXP-PDTA123JE Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA123JE NEXPERIA-PDTA123JE Datasheet
1Mb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 5 - 21 December 2011
logo
NXP Semiconductors
PDTA123JEF PHILIPS-PDTA123JEF Datasheet
49Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 20
PDTA123JEF NXP-PDTA123JEF Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
More results

Similar Description - PDTA123JE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PUMH10 PHILIPS-PUMH10 Datasheet
54Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2003 Oct 20
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
   NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PDTC124X PHILIPS-PDTC124X Datasheet
83Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com