Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHX18NQ11 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHX18NQ11
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX18NQ11 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHX18NQ11 Datasheet HTML 1Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 2Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 3Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 4Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 5Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 6Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 7Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 8Page - NXP Semiconductors PHX18NQ11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PHX18NQ11T
N-channel TrenchMOS™ standard level FET
Product data
Rev. 01 — 13 February 2004
3 of 12
9397 750 12915
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 1.
Normalized total power dissipation as a
function of heatsink temperature.
Fig 2.
Normalized continuous drain current as a
function of heatsink temperature.
Th =25 °C; IDM is single pulse; VGS =10V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa13
0
40
80
120
050
100
150
Th (°C)
Pder
(%)
03aa21
0
40
80
120
0
50
100
150
200
Th (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03am62
10-1
1
10
102
1
10
102
103
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
tp = 10 µs
100
µs
Limit RDSon = VDS / ID


Similar Part No. - PHX18NQ11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX18NQ20T PHILIPS-PHX18NQ20T Datasheet
293Kb / 15P
   N-channel enhancement mode field-effect transistor
Rev. 01-28 August 2000
More results

Similar Description - PHX18NQ11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com