Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1550AAB1TR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1550AAB1TR
Description  1 Form A High-Voltage Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1550AAB1TR Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1550AAB1TR Datasheet HTML 1Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 2Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 3Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 4Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 5Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LH1550AT1/ AAB1/ AAB1TR
Document Number 83841
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
4
65
S'
S
NC
12
3
SS'
i179003
DIP
SMD
Pb
Pb-free
e3
1 Form A High-Voltage Solid State Relay
Features
• Current Limit Protection
• Isolation Test Voltage 5300 V RMS
• Typical RON 28 Ω
• Load Voltage 350 V
• Load Current 120 mA
• High Surge Capability
• Clean Bounce Free Switching
• Low Power Consumption
• High Reliability Monolithic Detector
• SMD Lead Available on Tape and Reel
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• BABT/BSI Certified
Applications
General Telecom Switching
- On/off Hook Control
- Ring Delay
- Dial Pulse
- Ground Start
- Ground Fault Protection
Instrumentation
Industrial Controls
Description
The LH1550 is robust, ideal for telecom and ground
fault applications. It is a SPST normally open switch
(1 Form A) that replaces electromechanical relays in
many applications. It is similar to the LH1540, but has
a characteristically higher On resistance. It is con-
structed using a GaAIAs LED for actuation control
and an integrated monolithic die for the switch output.
The die, fabricated in a high-voltage dielectrically iso-
lated technology, is comprised of a photodiode array,
switch control circuitry and MOSFET switches. In
addition, it employs current-limiting circuitry which
meets FCC 68.302 and other regulatory voltage
surge requirements when overvoltage protection is
provided.
Order Information
Part
Remarks
LH1550AT1
Thru Hole, DIP-6
LH1550AAB1
SMD-6
LH1550AAB1TR
Tape and Reel, SMD-6


Similar Part No. - LH1550AAB1TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
141Kb / 6P
   1 Form A High-Voltage Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
189Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1550AAB1TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AAB1 VISHAY-LH1550AAB1_11 Datasheet
141Kb / 6P
   1 Form A High-Voltage Solid-State Relay
Rev. 1.9, 25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com