Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6443 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6443
Description  6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6443 Datasheet(HTML) 5 Page - Texas Instruments

  PT6443 Datasheet HTML 1Page - Texas Instruments PT6443 Datasheet HTML 2Page - Texas Instruments PT6443 Datasheet HTML 3Page - Texas Instruments PT6443 Datasheet HTML 4Page - Texas Instruments PT6443 Datasheet HTML 5Page - Texas Instruments PT6443 Datasheet HTML 6Page - Texas Instruments PT6443 Datasheet HTML 7Page - Texas Instruments PT6443 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6440 Series
Adjusting the Output Voltage of the PT6440
Excalibur
 5V/3.3V Bus Step-Down ISRs
The output voltage of the PT6440 Series ISRs may be
adjusted higher or lower than the factory trimmed pre-
set voltage with the addition of a single external resistor.
Table 1 gives the allowable adjustment range for each
model for either series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between Vo Adj (pin 12) and GND
(pins 5–8).
Adjust Down:
Add a resistor (R1), between Vo Adj (pin 12)
and Vout (pins 9–11).
Figure 1
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas. Refer to
Figure 1 and Table 2 for both the placement and value of the
required resistor; either (R1) or R2 as appropriate.
(R1)
=
Ro (Va – 0.9)
– Rs
k
Vo – Va
R2
=
0.9 Ro
– Rs
k
Va – Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value from Table 1
Rs = The series resistance from Table 1
Table 1
ISR ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt. #
PT6441
PT6442
PT6443
PT6444
PT6445
PT6446
PT6447
Vo (nom)
3.3
2.5
2.0
1.8
1.5
1.2
1.0
Va (min)
2.88
1.97
1.64
1.5
1.3
1.08
0.97
Va (max)
3.5
2.95
2.45
2.25
1.95
1.65
1.45
Ro (kΩ
Ω)
10.0
10.0
10.0
10.0
10.0
10.0
10.2
Rs (k
Ω)
49.9
20.0
20.0
20.0
20.0
20.0
20.0
R
2
Adjust Up
C
2
+V
O
COM
COM
+V
IN
+
(R
1)
Adj Down
PT6440
2,3,4
5–8
12
9,10,11
Vin
Vo
Vo(adj)
GND
C
1
+
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adj to either GND or
Vout. Any capacitance added to the Vo adjust pin will affect
the stability of the ISR.
3. For each model, adjustments to the output voltage may
place additional limits on the minimum input voltage.
The revised minimum input voltage must comply with the
following requirement.
Vin(min) = (Va + 0.5)V or as specified in the data sheet,
whichever is greater.


Similar Part No. - PT6443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6443 TI1-PT6443 Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
PT6443 TI1-PT6443 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6443A TI1-PT6443A Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6443C TI1-PT6443C Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
PT6443C TI1-PT6443C Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com