Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2495 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2495
Description  900MHZ 3V LOW CURRENT LNA/MIXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2495 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2495 Datasheet HTML 1Page - RF Micro Devices RF2495 Datasheet HTML 2Page - RF Micro Devices RF2495 Datasheet HTML 3Page - RF Micro Devices RF2495 Datasheet HTML 4Page - RF Micro Devices RF2495 Datasheet HTML 5Page - RF Micro Devices RF2495 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8-282
RF2495
Rev A4 030220
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +3.6
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.0V
RF/LO Frequency Range
850 to 940
MHz
Specifications
800 to 1000
MHz
Usable range
LNA
Gain
15.5
17.0
dB
High gain state
1.0
4.0
dB
Low gain state
Input IP3
-2.5
+1.0
dBm
High gain state, RF IN=-25dBm
+11.0
+12.5
dBm
Low gain state, RF IN=-15dBm
Noise Figure
1.9
2.2
dB
High gain state
13.5
dB
Low gain state
Input VSWR
1.67:1
Output VSWR
1.67:1
Mixer
Conversion Gain
-6.5
-5.5
dB
With LO=+2dBm
-6.0
-5.5
dB
With LO=+4dBm
Input IP3
+7.5
+11.0
dBm
With LO=+2dBm
+10.0
+13.0
dBm
With LO=+4dBm
LO Input Level
-2
4.0
dBm
Attenuation
ATTN Enable
VCC-0.3
>1.6
V
Low gain state
ATTN Disable
0
0.3
V
High gain state
Power Down
Chip Enable
VCC-0.3
>1.6
V
Voltage applied to PD pin
Chip Disable
0
V
Voltage applied to PD pin
Power Supply
Voltage
3.0
V
Specifications
2.7 to 3.3
V
Operating limits
Current Consumption
10
12
mA
Chip enabled
<1
3.0
uA
Chip disabled
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF2495

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
   SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
   HIGH FREQUENCY LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2495

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com